Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC8413 Datasheet HTML 13Page - Analog Devices HMC8413 Datasheet HTML 14Page - Analog Devices HMC8413 Datasheet HTML 15Page - Analog Devices HMC8413 Datasheet HTML 16Page - Analog Devices HMC8413 Datasheet HTML 17Page - Analog Devices HMC8413 Datasheet HTML 18Page - Analog Devices HMC8413 Datasheet HTML 19Page - Analog Devices HMC8413 Datasheet HTML 20Page - Analog Devices HMC8413 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 17 of 21
THEORY OF OPERATION
The HMC8413 is a GaAs, MMIC, pHEMT, low noise wideband
amplifier. Figure 70 shows the simplified architecture of the
HMC8413.
The HMC8413 has single-ended input and output ports with
impedances that nominally equal 50 Ω over the 0.01 GHz to
9 GHz frequency range. Therefore, the HMC8413 can be directly
inserted into a 50 Ω system with no required impedance
matching circuitry, which also means that multiple HMC8413
amplifiers can be cascaded back to back without the need for
external matching circuitry.
It is critical to supply very low inductance ground connections
to the ground pins as well as to the backside exposed pad to
ensure stable operation.
To achieve optimal performance from the HMC8413 and
prevent damage to the device, do not exceed the absolute
maximum ratings.
The RBIAS pin is used to set the IDQ with an external resistor,
allowing single positive supply operation.
RBIAS
RFIN
RFOUT/VDD
Figure 70. Simplified Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com