Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 15 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 15 Page - Analog Devices

Back Button HMC8413 Datasheet HTML 11Page - Analog Devices HMC8413 Datasheet HTML 12Page - Analog Devices HMC8413 Datasheet HTML 13Page - Analog Devices HMC8413 Datasheet HTML 14Page - Analog Devices HMC8413 Datasheet HTML 15Page - Analog Devices HMC8413 Datasheet HTML 16Page - Analog Devices HMC8413 Datasheet HTML 17Page - Analog Devices HMC8413 Datasheet HTML 18Page - Analog Devices HMC8413 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 15 of 21
60
50
0
10
20
30
40
0
1.0
0.8
0.6
0.4
0.2
FREQUENCY (GHz)
6.7kΩ, IDQ = 25mA
3.6kΩ, IDQ = 35mA
1.9kΩ, IDQ = 55mA
1.2kΩ, IDQ = 75mA
787Ω, IDQ = 95mA
540Ω, IDQ = 115mA
Figure 61. OIP2 vs. Frequency for Various Bias Resistor Values and IDQ,
0.01 GHz to 1.0 GHz, VDD = 5 V
0.6
0
0.1
0.3
0.2
0.5
0.4
–20
8
4
–8
0
–4
–12
–16
INPUT POWER (dBm)
9GHz
5GHz
1GHz
Figure 62. PDISS vs. Input Power at TA = 85°C, VDD = 5 V, IDQ = 95 mA
140
120
20
60
40
100
80
300
1000
600
800
900
700
500
400
BIAS RESISTOR VALUE (Ω)
Figure 63. IDQ vs. Bias Resistor Value, 300 Ω to 1 kΩ, VDD = 5 V
60
50
0
10
20
30
40
0
12
6
10
8
4
2
FREQUENCY (GHz)
6.7kΩ, IDQ = 25mA
3.6kΩ, IDQ = 35mA
1.9kΩ, IDQ = 55mA
1.2kΩ, IDQ = 75mA
787Ω, IDQ = 95mA
540Ω, IDQ = 115mA
Figure 64. OIP2 vs. Frequency for Various Bias Resistor Values and IDQ,
1 GHz to 12 GHz, VDD = 5 V
115
110
55
60
80
70
85
75
65
95
90
105
100
–10
14
2
10
6
–2
–6
INPUT POWER (dBm)
9GHz
5GHz
1GHz
Figure 65. IDD vs. Input Power for Various Frequencies, VDD = 5 V
100
90
20
60
50
40
30
80
70
1
12
5
9
11
7
4
8
10
6
3
2
BIAS RESISTOR VALUE (kΩ)
Figure 66. IDQ vs. Bias Resistor Value, 1 kΩ to 12 kΩ, VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com