Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 1 Page - Analog Devices

  HMC8413 Datasheet HTML 1Page - Analog Devices HMC8413 Datasheet HTML 2Page - Analog Devices HMC8413 Datasheet HTML 3Page - Analog Devices HMC8413 Datasheet HTML 4Page - Analog Devices HMC8413 Datasheet HTML 5Page - Analog Devices HMC8413 Datasheet HTML 6Page - Analog Devices HMC8413 Datasheet HTML 7Page - Analog Devices HMC8413 Datasheet HTML 8Page - Analog Devices HMC8413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Noise Amplifier,
0.01 GHz to 9 GHz
Data Sheet
HMC8413
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low noise figure: 1.9 dB typical at 0.01 GHz to 7 GHz
Single positive supply (self biased)
High gain: 19.5 dB typical at 0.01 GHz to 7 GHz
High OIP3: 35 dBm typical at 0.01 GHz to 7 GHz
RoHS-compliant, 2 mm × 2 mm, 6-lead LFCSP
APPLICATIONS
Test instrumentation
Military communications
Military radar
Telecommunications
FUNCTIONAL BLOCK DIAGRAM
RBIAS 1
GND
RFIN
NC
GND
RFOUT/VDD
3
2
6
4
5
HMC8413
Figure 1.
GENERAL DESCRIPTION
The HMC8413 is a gallium arsenide (GaAs), monolithic
microwave integrated circuit (MMIC), pseudomorphic high
electron mobility transistor (pHEMT), low noise wideband
amplifier that operates from 0.01 GHz to 9 GHz.
The HMC8413 provides a typical gain of 19.5 dB, a 1.9 dB
typical noise figure, and a typical output third-order intercept
(OIP3) of 35 dBm at 0.01 GHz to 7 GHz, requiring only 95 mA
from a 5 V supply voltage. The saturated output power (PSAT) of
22 dBm typical at 0.01 GHz to 7 GHz enables the low noise
amplifier to function as a local oscillator (LO) driver for many of
Analog Devices, Inc., balanced, in-phase/quadrature (I/Q) or
image rejection mixers.
The HMC8413 also features inputs and outputs that are internally
matched to 50 Ω, making the device ideal for surface-mounted
technology (SMT)-based, high capacity microwave radio
applications.
The HMC8413 is housed in an RoHS-compliant, 2 mm × 2 mm,
6-lead LFCSP.
Multifunction pin names may be referenced by their relevant
function only.


Similar Part No. - HMC8413

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8410 AD-HMC8410 Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410 AD-HMC8410 Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
HMC8410CHIPS AD-HMC8410CHIPS Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410CHIPS-SX AD-HMC8410CHIPS-SX Datasheet
399Kb / 16P
Low noise figure: 1.1 dB typical
REV. 0
HMC8410LP2FE AD-HMC8410LP2FE Datasheet
749Kb / 17P
Low Noise Amplifier
Nov-2017
More results

Similar Description - HMC8413

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C048 HITTITE-HMC-C048 Datasheet
258Kb / 6P
LOW NOISE AMPLIFIER MODULE, 5 - 9 GHz
logo
Analog Devices
HMC8411LP2FE AD-HMC8411LP2FE Datasheet
575Kb / 23P
Low Noise Amplifier, 0.01 GHz to 10 GHz
5/2019-Rev. 0 to Rev. A
logo
Custom MMIC Design Serv...
CMD119P3 MMIC-CMD119P3 Datasheet
241Kb / 9P
5-9 GHz Low Noise Amplifier
CMD218C4 MMIC-CMD218C4 Datasheet
259Kb / 12P
5-9 GHz GaN Low Noise Amplifier
CMD218 MMIC-CMD218 Datasheet
222Kb / 12P
5-9 GHz GaN Low Noise Amplifier
logo
Analog Devices
HMC8412 AD-HMC8412 Datasheet
430Kb / 18P
Low Noise Amplifier, 0.4 GHz to 11 GHz
5/2020-Revision 0
ADL9005 AD-ADL9005 Datasheet
616Kb / 24P
Wideband, Low Noise Amplifier, Single Positive Supply, 0.01 GHz to 26.5 GHz
2/2021-Revision 0
HMC8412CHIPS AD-HMC8412CHIPS Datasheet
485Kb / 21P
Low Noise Amplifier, 0.4 GHz to 10 GHz
8/2020-Revision 0
logo
Qorvo, Inc
CMD318P3 QORVO-CMD318P3 Datasheet
351Kb / 13P
5-9 GHz Low Noise Amplifier
logo
Analog Devices
ADL8100 AD-ADL8100 Datasheet
1Mb / 27P
GaAs, pHEMT, MMIC, Low Noise Amplifier, 0.01 GHz to 20 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com