Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8413 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8413
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413 Datasheet(HTML) 5 Page - Analog Devices

  HMC8413 Datasheet HTML 1Page - Analog Devices HMC8413 Datasheet HTML 2Page - Analog Devices HMC8413 Datasheet HTML 3Page - Analog Devices HMC8413 Datasheet HTML 4Page - Analog Devices HMC8413 Datasheet HTML 5Page - Analog Devices HMC8413 Datasheet HTML 6Page - Analog Devices HMC8413 Datasheet HTML 7Page - Analog Devices HMC8413 Datasheet HTML 8Page - Analog Devices HMC8413 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 5 of 21
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
RBIAS 1
GND
RFIN
NC
GND
RFOUT/VDD
3
2
6
4
5
HMC8413
TOP VIEW
(Not to Scale)
NOTES
1. NC = NO CONNECT. THIS PIN IS NOT
CONNECTED INTERNALLY. THIS PIN MUST BE
CONNECTED TO THE RF AND DC GROUND.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO THE RF AND DC GROUND.
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RBIAS
Current Mirror Bias Resistor. Use the RBIAS pin via the external resistor (R2, see Figure 71) to set the current to the
internal resistor. See Figure 3 for the interface schematic.
2
RFIN
RF Input. The RFIN pin is dc-coupled and matched to 50 Ω. See Figure 4 for the interface schematic.
3, 4
GND
Ground. This pin must be connected to the RF and dc ground. See Figure 6 for the interface schematic.
5
RFOUT/VDD
RF Output/Drain Bias for the Amplifier. The RFOUT/VDD pin is dc-coupled and matched to 50 Ω. See Figure 5 for the
interface schematic.
6
NC
No Connect. This pin is not connected internally. This pin must be connected to the RF and dc ground.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground.
INTERFACE SCHEMATICS
RBIAS
Figure 3. RBIAS Interface Schematic
RFIN
Figure 4. RFIN Interface Schematic
RFOUT/VDD
Figure 5. RFOUT/VDD Interface Schematic
GND
Figure 6. GND Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com