Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFD016N06C Datasheet (PDF) - ON Semiconductor

Part # NTMFD016N06C
Description  MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 16.3 m, 32 A
File Size   225.64 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFD016N06C Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFD016N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFD001N03P9 ONSEMI-NTMFD001N03P9 Datasheet
434Kb / 12P
MOSFET - Power, Dual, N-Channel, Power Clip, Trench, Asymmetric 30V
March, 2021 - Rev. 4
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD020N06CT1G ONSEMI-NTMFD020N06CT1G Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD030N06CT1G ONSEMI-NTMFD030N06CT1G Datasheet
252Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
More results


Similar Description - NTMFD016N06C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFD5877NLT1G ONSEMI-NVMFD5877NLT1G Datasheet
124Kb / 6P
60 V, 39 m, 17 A, Dual N?묬hannel, Logic Level, Dual SO8FL
November, 2013 ??Rev. 8
NTMFD4C86N ONSEMI-NTMFD4C86N Datasheet
133Kb / 12P
Dual N-Channel SO8FL
July, 2015 ??Rev. 1
NTMFD020N06C ONSEMI-NTMFD020N06C Datasheet
251Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
January, 2020 ??Rev. 0
NTMFD030N06C ONSEMI-NTMFD030N06C Datasheet
252Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 29.7 m, 19 A
January, 2020 ??Rev. 0
NTMFD5877NL ONSEMI-NTMFD5877NL Datasheet
224Kb / 8P
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0
NTMFS020N06C ONSEMI-NTMFS020N06C Datasheet
185Kb / 7P
MOSFET- Power, Single N-Channel, SO8FL 60 V, 19.6 m, 28 A
January, 2020-Rev. 0
NVMFD020N06C ONSEMI-NVMFD020N06C Datasheet
254Kb / 7P
MOSFET - Power, Dual N-Channel, DUAL SO8FL 60 V, 20.3 m, 27 A
March, 2020 ??Rev. 1
NVMFD5C672NL ONSEMI-NVMFD5C672NL Datasheet
231Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 11.9 m, 40 A
June, 2020 ??Rev. 3
NVMFD5C674NL ONSEMI-NVMFD5C674NL Datasheet
372Kb / 7P
MOSFET ??Power, Dual N-Channel 60 V, 14.4 m, 42 A
December, 2020-Rev. P4
NVTFS016N06C ONSEMI-NVTFS016N06C Datasheet
280Kb / 8P
MOSFET - Power, Single N-Channel, 8FL 60 V, 16.3 m, 32 A
November, 2020 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com