Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTMFS3D2N10MD Datasheet (PDF) - ON Semiconductor

Part # NTMFS3D2N10MD
Description  MOSFET ??Power, Single, N-Channel 100 V, 3.5 m, 142 A
File Size   202.25 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMFS3D2N10MD Datasheet (PDF) - ON Semiconductor



Similar Part No. - NTMFS3D2N10MD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS3D0N08X ONSEMI-NTMFS3D0N08X Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D0N08XT1G ONSEMI-NTMFS3D0N08XT1G Datasheet
149Kb / 6P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 2.6 m, 154 A
November, 2023 - Rev. 0
NTMFS3D1N04XM ONSEMI-NTMFS3D1N04XM Datasheet
217Kb / 7P
MOSFET – Power, Single N-Channel, SO8FL 40 V, 3.1 m, 83 A
pril, 2024 - Rev. 1
NTMFS3D5N08X ONSEMI-NTMFS3D5N08X Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
NTMFS3D5N08XT1G ONSEMI-NTMFS3D5N08XT1G Datasheet
147Kb / 7P
MOSFET - Power, Single N-Channel, STD Gate, SO8FL 80 V, 3 m, 135 A
November, 2023 - Rev. 1
More results


Similar Description - NTMFS3D2N10MD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVH4L015N065SC1 ONSEMI-NVH4L015N065SC1 Datasheet
355Kb / 8P
MOSFET - SiC Power, Single N-Channel, TO247-4L 650 V, 12 m, 142 A
September, 2021 ??Rev. 3
NTD5C446N ONSEMI-NTD5C446N Datasheet
233Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 3.5 m, 110 A
May, 2019 ??Rev. 0
NTH4L015N065SC1 ONSEMI-NTH4L015N065SC1 Datasheet
337Kb / 9P
MOSFET - SiC Power, Single N-Channel, TO247-4L 650 V, 12 m, 142 A
April, 2021 ??Rev. 1
NTMTS002N10MC ONSEMI-NTMTS002N10MC Datasheet
320Kb / 8P
MOSFET - Power, Single N-Channel 100 V, 2.3 m, 236 A
April, 2021 -Rev. 0
NTTFS002N04CL ONSEMI-NTTFS002N04CL Datasheet
363Kb / 9P
MOSFET ??Power, Single, N-Channel 40 V, 2.2 m, 142 A
June, 2019 ??Rev. 0
NTTFS003N04C ONSEMI-NTTFS003N04C Datasheet
203Kb / 7P
MOSFET ??Power, Single, N-Channel 40 V, 3.5 m, 103 A
June, 2019 ??Rev. 0
NVD5C446N ONSEMI-NVD5C446N Datasheet
236Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 3.5 m, 101 A
June, 2019-Rev. 0
NVTFS002N04CL ONSEMI-NVTFS002N04CL Datasheet
279Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 2.2 m, 142 A
July, 2019 - Rev. 1
NVTFS003N04C ONSEMI-NVTFS003N04C Datasheet
208Kb / 7P
MOSFET – Power, Single N-Channel 40 V, 3.5 m, 103 A
July, 2019 - Rev. 0
NVMYS016N10MCL ONSEMI-NVMYS016N10MCL Datasheet
228Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 14 m, 46 A
June, 2022 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com