Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX77540 Datasheet (PDF) - Maxim Integrated Products

Part # MAX77540
Description  16VIN/6A, Dual-Phase High-Efficiency Buck Converter
File Size   1376.4 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX77540 Datasheet (PDF) - Maxim Integrated Products



Similar Part No. - MAX77540

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX77542 AD-MAX77542 Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
MAX77542AAWU+T AD-MAX77542AAWU+T Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
More results


Similar Description - MAX77540

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24051 MICREL-MIC24051 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
High Efficiency 6A Synchronous Buck Converter
logo
STMicroelectronics
A22H165M STMICROELECTRONICS-A22H165M Datasheet
1Mb / 32P
Integrated high-efficiency buck converter
06-Mar-2014
logo
Dialog Semiconductor
PV88090 DIALOG-PV88090 Datasheet
1Mb / 42P
High Efficiency 3-Channel Buck Converter with dual LDO
logo
Diodes Incorporated
AP3409 DIODES-AP3409 Datasheet
486Kb / 11P
HIGH EFFICIENCY SYNCHRONOUS BUCK CONVERTER
Rev 2
logo
uPI Group Inc.
UP1784 UPI-UP1784 Datasheet
185Kb / 14P
Dual 1.5MHz, 1.3A, High-Efficiency Synchronous-Rectified Buck Converter
logo
Maxim Integrated Produc...
MAX20429 MAXIM-MAX20429 Datasheet
715Kb / 18P
Dual 6A High-Efficiency Low Voltage Buck Converter
Rev 1; 12/20
logo
ACE Technology Co., LTD...
ACE73655Y ACE-ACE73655Y Datasheet
231Kb / 4P
5.5V, 6A, 1.2MHz, High-Efficiency Buck Converter
VER 1.1
logo
Analog Devices
MAX77542 AD-MAX77542 Datasheet
3Mb / 122P
16VIN/16A, Quad-Phase High-Efficiency Buck Converter
19-101666; Rev 0; 2/23
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com