Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM3065L4BTL Datasheet (PDF) - ON Semiconductor

Part # NFAM3065L4BTL
Description  Intelligent Power Module (IPM) 650 V, 30 A
File Size   262.5 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NFAM3065L4BTL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NFAM3065L4BTL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
More results


Similar Description - NFAM3065L4BTL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFAM2065L4B ONSEMI-NFAM2065L4B Datasheet
454Kb / 9P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM2065L4BT ONSEMI-NFAM2065L4BT Datasheet
285Kb / 10P
Intelligent Power Module (IPM) 650 V, 20 A
April, 2020 ??Rev. 1
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM5065L4B ONSEMI-NFAM5065L4B Datasheet
457Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
NFAM5065L4BT ONSEMI-NFAM5065L4BT Datasheet
292Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
April, 2020 ??Rev. 1
NFAM5065L4BTL ONSEMI-NFAM5065L4BTL Datasheet
267Kb / 10P
Intelligent Power Module (IPM), 650 V, 50 A
August, 2021 ??Rev. 0
STK581U3C2D-E ONSEMI-STK581U3C2D-E Datasheet
436Kb / 15P
Intelligent Power Module (IPM) 600 V, 30 A
September 2016 - Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com