Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVMYS6D2N06CL Datasheet (PDF) - ON Semiconductor

Part # NVMYS6D2N06CL
Description  MOSFET ??Power, Single N-Channel 60 V, 6.1 m, 71 A
File Size   332.16 Kbytes
Html View  1   2   3   4   5   6   7 
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMYS6D2N06CL Datasheet (PDF) - ON Semiconductor



Similar Part No. - NVMYS6D2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMYS003N08LH ONSEMI-NVMYS003N08LH Datasheet
269Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 3.3 m, 132 A
February, 2020 ??Rev.0
NVMYS003N08LHTWG ONSEMI-NVMYS003N08LHTWG Datasheet
269Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 3.3 m, 132 A
February, 2020 ??Rev.0
NVMYS005N10MCL ONSEMI-NVMYS005N10MCL Datasheet
326Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 5.1 m, 108 A
June, 2022 - Rev. 1
NVMYS005N10MCLTWG ONSEMI-NVMYS005N10MCLTWG Datasheet
326Kb / 6P
MOSFET – Power, Single N-Channel 100 V, 5.1 m, 108 A
June, 2022 - Rev. 1
NVMYS006N08LH ONSEMI-NVMYS006N08LH Datasheet
340Kb / 7P
MOSFET - Power, Single N-Channel 80 V, 6.2 m, 77 A
February, 2020 - Rev. 0
More results


Similar Description - NVMYS6D2N06CL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS4D9N03H ONSEMI-NTLJS4D9N03H Datasheet
337Kb / 7P
MOSFET - Power, Single N-Channel, WDFN6 30 V, 6.1 m, 15.9 A
May, 2020-Rev. P3
NTMYS5D3N04C ONSEMI-NTMYS5D3N04C Datasheet
355Kb / 7P
MOSFET - Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019-Rev. 1
NVMFS4C306N ONSEMI-NVMFS4C306N Datasheet
201Kb / 8P
MOSFET - Power, Single N-Channel, SO-8 FL 30 V, 3.4 m, 71 A
October, 2020-Rev. 0
NVMFS5C460N ONSEMI-NVMFS5C460N Datasheet
193Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
July, 2019 ??Rev. 1
NVMFS5C670N ONSEMI-NVMFS5C670N Datasheet
179Kb / 7P
MOSFET ??Power, Single, N-Channel 60 V, 7.0 m, 71 A
December, 2019-Rev. 0
NVTYS005N04C ONSEMI-NVTYS005N04C Datasheet
340Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.6 m, 71 A
May, 2021 ??Rev. 1
NVTYS006N06CL ONSEMI-NVTYS006N06CL Datasheet
328Kb / 7P
MOSFET ??Power, Single N-Channel 60 V, 6.8 m, 71 A
May, 2021 ??Rev. 1
NVTYS9D6P04M8L ONSEMI-NVTYS9D6P04M8L Datasheet
337Kb / 7P
MOSFET ??Power, Single P-Channel -40 V, 9.6 m, -71 A
April, 2021 ??Rev. 0
PCFA86210F ONSEMI-PCFA86210F Datasheet
240Kb / 7P
MOSFET ??Power, N-Channel 150 V, 6.1 m
June, 2021 ??Rev. 1
NVMYS5D3N04C ONSEMI-NVMYS5D3N04C Datasheet
356Kb / 7P
MOSFET ??Power, Single N-Channel 40 V, 5.3 m, 71 A
August, 2019 ??Rev. 1
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com