Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR514RHZG Datasheet (PDF) - Rohm

Part # 2SCR514RHZG
Description  NPN 0.7A 80V Middle Power Transistor
File Size   1511.55 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR514RHZG Datasheet (PDF) - Rohm



Similar Part No. - 2SCR514RHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
2SCR514R ROHM-2SCR514R Datasheet
347Kb / 6P
Midium Power Transistors (80V / 0.7A)
More results


Similar Description - 2SCR514RHZG

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR574DA07 ROHM-2SCR574DA07 Datasheet
799Kb / 7P
NPN 2.0A 80V Middle Power Transistor
2SAR514P ROHM-2SAR514P_13 Datasheet
431Kb / 8P
PNP -0.7A -80V Middle Power Transistor
2SAR514R ROHM-2SAR514R_15 Datasheet
1Mb / 8P
PNP -0.7A -80V Middle Power Transistor
2SCR586D ROHM-2SCR586D Datasheet
1Mb / 9P
NPN 5.0A 80V Middle Power Transistor
2SAR514PFRA ROHM-2SAR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -0.7A)
2SCR514PFRA ROHM-2SCR514PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 0.7A)
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SAR514RHZG ROHM-2SAR514RHZG Datasheet
1Mb / 9P
PNP -0.7A -80V Middle Power Transistor
20190325 - Rev.001
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
2SCR514PHZG ROHM-2SCR514PHZG Datasheet
1Mb / 9P
Middle Power Transistor (80V / 0.7A)
20181012 - Rev.001
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com