Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM8055 Datasheet (PDF) - Global Connector Technology

Part # SIM8055
Description  Nano SIM Card Connector,Push-Pull Type,with Switch 6 Pin, SMT, Profile 1.35mm
File Size   276.78 Kbytes
Html View  1   2   3 
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM8055 Datasheet (PDF) - Global Connector Technology



Similar Part No. - SIM8055

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
More results


Similar Description - SIM8055

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FMS008-6001-0 YAMAICHI-FMS008-6001-0 Datasheet
325Kb / 1P
8 Pin SIM Card Reader (Push / Push with Switch)
logo
Major League Electronic...
SIMS60 MAJOR-LEAGUE-SIMS60 Datasheet
87Kb / 2P
SIM Card Connector Push/Push Type 6 or 8 Pin
logo
Wurth Elektronik GmbH &...
693043020611 WURTH-693043020611 Datasheet
452Kb / 3P
NANO SIM - PUSH & PULL TYPE - 6 PINS
logo
Global Connector Techno...
SIM7100 GCT-SIM7100 Datasheet
267Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
12th September 2014
SIM7155 GCT-SIM7155 Datasheet
207Kb / 3P
Micro SIM Card Connector - Push-Push Type 6 Pin, SMT, 1.43mm Profile
12th April 2021
SIM7200 GCT-SIM7200 Datasheet
242Kb / 4P
Micro SIM Card Connector Hinged Type, 6 Pin, SMT, 1.75mm Profile
8th September 2016
SIM8051 GCT-SIM8051 Datasheet
244Kb / 3P
Nano SIM Card Connector Push-Pull Type, 6 Pin, SMT, Profile 1.35mm
28th April 2015
SIM8060 GCT-SIM8060 Datasheet
263Kb / 4P
Nano SIM Card Connector Hinged Type,SMT,6Pin, 1.43mm Profile
6th September 2018
SIM8066 GCT-SIM8066 Datasheet
214Kb / 3P
no SIM Card Connector Push-Push Type, SMT, 6Pin, 1.44mm Profile
19th March 2021
logo
ATTEND Technology Inc.
115U ATTEND-115U Datasheet
301Kb / 4P
6P Nano SIM Socket, Push-Pull Type, 1.3H, 10u" Gold Plating
2021/1/27
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com