Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADH814S Datasheet (PDF) - Analog Devices

Part # ADH814S
Description  13 to 24.6 GHz Output x2 Active Frequency Multiplier
File Size   737.37 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADH814S Datasheet (PDF) - Analog Devices



Similar Part No. - ADH814S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADH8411S-CSL AD-ADH8411S-CSL Datasheet
737Kb / 12P
0.01 GHz to 10 GHz Low Noise Amplifier
Rev. 0
ADH8411TCPZ-CSL-PT AD-ADH8411TCPZ-CSL-PT Datasheet
737Kb / 12P
0.01 GHz to 10 GHz Low Noise Amplifier
Rev. 0
ADH8412S-CSL AD-ADH8412S-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
ADH8412TCPZ-PT-CSL AD-ADH8412TCPZ-PT-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
ADH8412TCPZ-R7-CSL AD-ADH8412TCPZ-R7-CSL Datasheet
271Kb / 8P
Low Noise Amplifier, 0.4 GHz to 11 GHz
Rev. 0
More results


Similar Description - ADH814S

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_09 Datasheet
219Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC814 HITTITE-HMC814_10 Datasheet
414Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC814LC3B HITTITE-HMC814LC3B_10 Datasheet
417Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6140 AVAGO-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
AMMC-6140 AVAGO-AMMC-6140_15 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Broadcom Corporation.
AMMC-6140 BOARDCOM-AMMC-6140 Datasheet
424Kb / 6P
20??0 GHz Output x2 Active Frequency Multiplier
logo
Analog Devices
ADH561S AD-ADH561S Datasheet
723Kb / 8P
8 to 21 GHz Output x2 Active Frequency Multiplier
Rev. A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com