Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PEMH4 Datasheet (PDF) - Nexperia B.V. All rights reserved

Part # PEMH4
Description  NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = open
File Size   209.72 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH4 Datasheet (PDF) - Nexperia B.V. All rights reserved



Similar Part No. - PEMH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMH4 PHILIPS-PEMH4 Datasheet
48Kb / 8P
NPN resistor-equipped double transistor R1 = 10 kohm, R2 = open
2001 Sep 14
PEMH4 NXP-PEMH4 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
logo
Nexperia B.V. All right...
PEMH4 NEXPERIA-PEMH4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PEMH4_PUMH4 PHILIPS-PEMH4_PUMH4_15 Datasheet
138Kb / 8P
NPN/NPN resistor-equipped transistors; R1 = 10 k廓, R2 = open
2004 Apr 14
More results


Similar Description - PEMH4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PDTC114EM NEXPERIA-PDTC114EM Datasheet
215Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC114EU NEXPERIA-PDTC114EU Datasheet
210Kb / 11P
NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ
12 August 2022
PDTC124T_SERIES NEXPERIA-PDTC124T_SERIES Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC144T_SERIES NEXPERIA-PDTC144T_SERIES Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PDTC124T_SER NEXPERIA-PDTC124T_SER Datasheet
403Kb / 15P
NPN resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 13
PDTC144T_SER NEXPERIA-PDTC144T_SER Datasheet
404Kb / 15P
NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 17
PEMH7 NEXPERIA-PEMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PIMH9 NEXPERIA-PIMH9 Datasheet
221Kb / 11P
NPN/NPN resistor-equipped transistors; R1 = 10 kΩ, R2 = 47 kΩ
12 August 2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com