Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP513 Datasheet (PDF) - WJ Communication. Inc.

Part # AP513
Description  DCS-band 8W HBT Amplifier Module
File Size   311.39 Kbytes
Html View  1   2   3   4   5 
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP513 Datasheet (PDF) - WJ Communication. Inc.



Similar Part No. - AP513

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5100 DIODES-AP5100 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
AP5100 DIODES-AP5100 Datasheet
362Kb / 10P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100 DIODES-AP5100 Datasheet
389Kb / 12P
1.2A STEP-DOWN CONVERTER with 1.4MHz SWITCHING FREQUENCY
Rev. 3 - 2 April 2012
AP5100W DIODES-AP5100W Datasheet
362Kb / 10P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
DS32130 Rev. 2 - 2
AP5100WG-7 DIODES-AP5100WG-7 Datasheet
419Kb / 12P
1.2A Step-Down Converter with 1.4MHz Switching Frequency
More results


Similar Description - AP513

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
Tri-Band HBT Power Amplifier Module
logo
ANADIGICS, Inc
AWT6102M2 ANADIGICS-AWT6102M2 Datasheet
242Kb / 8P
EGSM/DCS/PCS Triple Band Power Amplifier Module
REV 2
logo
List of Unclassifed Man...
AP504 ETC1-AP504 Datasheet
324Kb / 5P
DCS-band 4W HBT Amplifier Module
logo
WJ Communication. Inc.
AP501 WJCI-AP501 Datasheet
380Kb / 5P
PCS-band 4W HBT Amplifier Module
AP502 WJCI-AP502 Datasheet
389Kb / 5P
UMTS-band 4W HBT Amplifier Module
AP503 WJCI-AP503 Datasheet
321Kb / 5P
DCS-band 4W HBT Amplifier Module
AP512 WJCI-AP512 Datasheet
267Kb / 5P
UMTS-band 8W HBT Amplifier Module
AP504 WJCI-AP504 Datasheet
218Kb / 5P
DCS-band 4W HBT Amplifier Module
AP622 WJCI-AP622 Datasheet
190Kb / 4P
UMTS-band 4W HBT Amplifier Module
logo
TriQuint Semiconductor
AP561-F TRIQUINT-AP561-F_15 Datasheet
1Mb / 17P
0.7-2.9 GHz 8W HBT Power Amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com