Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MABACT0051 Datasheet (PDF) - Tyco Electronics

Part # MABACT0051
Description  Broadband CATV 1:1 Transmission Line Transformer 50-1200MHz
File Size   76.57 Kbytes
Html View  1   2   3 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABACT0051 Datasheet (PDF) - Tyco Electronics



Similar Part No. - MABACT0051

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0055 MACOM-MABACT0055 Datasheet
97Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer
MABACT0056 MACOM-MABACT0056 Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0056TR MACOM-MABACT0056TR Datasheet
109Kb / 3P
1:1 Transmission Line Transformer 4.5-2000MHz
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0059 MA-COM-MABACT0059 Datasheet
101Kb / 3P
1:1 Transmission Line Transformer 4.5 to 3000 MHz
More results


Similar Description - MABACT0051

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABACT0069 MACOM-MABACT0069 Datasheet
79Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABACT0055 MACOM-MABACT0055 Datasheet
97Kb / 3P
Broadband CATV 1:1 Transmission Line Transformer
MABACT0060 MACOM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0043 MACOM-MABACT0043 Datasheet
161Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
logo
M/A-COM Technology Solu...
MABACT0060 MA-COM-MABACT0060 Datasheet
76Kb / 3P
1:1 Transmission Line Transformer 5-1200MHz
MABACT0069 MA-COM-MABACT0069 Datasheet
72Kb / 3P
1:1 Transmission Line Transformer with tertiary winding 50-1200MHz
MABA-007681-CT2010 MA-COM-MABA-007681-CT2010 Datasheet
108Kb / 3P
2:1 Transmission Line Balun Transformer 5 - 1200MHz
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
1:1 Transmission Line Transformer 50-2150MHz
MABA-011031 MA-COM-MABA-011031 Datasheet
658Kb / 5P
Transformer, 1:1 Transmission Line 5MHz - 1200MHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com