Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMTF Datasheet (PDF) - Transko Electronics, Inc.

Part # SMTF
Description  MINIATURE SMD TUNING FORK CRYSTAL (5.2 x 1.4 x 1.5mm)
File Size   358.18 Kbytes
Html View  1 
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

SMTF Datasheet (PDF) - Transko Electronics, Inc.



Similar Part No. - SMTF

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
SMT SHARMA-SMT Datasheet
857Kb / 6P
Sharma Multilayer Ceramic Capacitors
logo
Japan Aviation Electron...
SMT JAE-SMT Datasheet
173Kb / 4P
Compact Coaxial Connectors Compatible with IEC60169-10 (Type SMB) Standard
logo
Isabellenhütte Heu...
SMT ISABELLENHUETTE-SMT Datasheet
1Mb / 5P
Precision resistors
logo
RFE international
SMT RFE-SMT Datasheet
508Kb / 5P
SMD TANTALUM CAPACITORS
2016.10.17
logo
Coilcraft lnc.
SMT COILCRAFT-SMT Datasheet
100Kb / 1P
Designer’s Kits
More results


Similar Description - SMTF

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
K135 FOX-K135 Datasheet
300Kb / 3P
3.2 x 1.5mm SMD Tuning Fork
K145 FOX-K145 Datasheet
309Kb / 3P
4.1 x 1.5mm SMD Tuning Fork
K13L FOX-K13L Datasheet
283Kb / 3P
3.2 x 1.5mm SMD Tuning Fork, Low ESR
logo
Transko Electronics, In...
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
CS1610 TRANSKO-CS1610 Datasheet
93Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.6 x 1.0 x 0.5mm)
Rev.1: Jul. 2014
CS2012 TRANSKO-CS2012 Datasheet
253Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.6mm)
Rev. 4: 11-06-2020
CS2012J TRANSKO-CS2012J Datasheet
149Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (2.0 x 1.2 x 0.35mm)
Rev.0: Sep. 2019
CS31 TRANSKO-CS31 Datasheet
362Kb / 1P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.2: Nov. 2014
CX31 TRANSKO-CX31 Datasheet
298Kb / 2P
MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (3.2 x 1.5 x 0.8mm)
Rev.0: 11-12-2020
logo
Fox Electronics
FK135 FOX-FK135 Datasheet
397Kb / 3P
3.2mm x 1.5mm SMD Tuning Fork
Revised C: 07/29/2022
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com