Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML004 Datasheet (PDF) - Tyco Electronics

Part # MASWML004
Description  SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
File Size   75.67 Kbytes
Html View  1 
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML004 Datasheet (PDF) - Tyco Electronics



Similar Part No. - MASWML004

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results


Similar Description - MASWML004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML005 MACOM-MASWML005 Datasheet
72Kb / 1P
SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Microsemi Corporation
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
ABSORPTIVE SPST SWITCH with TTL Driver
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com