Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML004 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML004
Description  SPST Miniature Switch with TTL Compatible Driver, 8.0 to 10.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML004 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML004 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Electrical Performance
(Applies over the frequency range @ +25 °C, output load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)
SPST Miniature Switch with TTL
Compatible Driver, 8.0 to 10.0 GHz
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Type
Frequency
(GHz)
I/Loss
max
(dB)
Isolation
min
(dB)
R/Loss
min
(dB)
S.
Speed
max
(ns)
I/P
Power
max
(mw)
SPST
8.0 - 10.0
1.9
60
12
50
100
Logic
Power
Supply
V & mA
Dimensions
(Ex-Con)
mm
Operat-
ing
Temp
°C
Storage
Temp
°C
‘0’ = Insertion Loss
TTL
‘1’ = Isolation
+5
-15
50
10
16.4x13.5x5.6
-55 to
+85
-55 to
+125
Features
n
High Isolation
n
Fast Switching
n
Hermetically Sealed Housing
n
TTL Compatible
n
Miniature Outline
n
Field Removable Connectors
Other Mechanical
It has two field replaceable SMA female connected for RF
in/out connections. DC connections and TTL controls are
supplied through solder pins. This device is supplied with
silver finish.
Description
This SPST reflective switch offers high Isolation & Low
Insertion in a miniature outline package. This switch has an
integral TTL compatible driver with fast switching. It also
consists of a single TTL control. This switch is supplied with
field removable connectors. This device can be also integrated
directly in the microstrip circuit without connectors. It is a
proven design for harsh environments and is suitable for
Airborne, Naval & Ground base applications.


Similar Part No. - MASWML004

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
More results

Similar Description - MASWML004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML002 MACOM-MASWML002 Datasheet
69Kb / 1P
SPST MMIC Switch with Driver 0.01 to 10.0 GHz
MASWML005 MACOM-MASWML005 Datasheet
72Kb / 1P
SPST Switch with TTL Compatible Driver, 6.0 to 18.0 GHz
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML012 MACOM-MASWML012 Datasheet
71Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Microsemi Corporation
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
GG71420 MICROSEMI-GG71420 Datasheet
85Kb / 2P
ABSORPTIVE SPST SWITCH with TTL Driver
logo
API Technologies Corp
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com