Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOW360A70 Datasheet (PDF) - Alpha & Omega Semiconductors

Part # AOW360A70
Description  700V, a MOS5 TM N-Channel Power Transistor
File Size   658.68 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW360A70 Datasheet (PDF) - Alpha & Omega Semiconductors



Similar Part No. - AOW360A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW360A70 AOSMD-AOW360A70 Datasheet
658Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.1: February 2024
More results


Similar Description - AOW360A70

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6450L AOSMD-AON6450L Datasheet
274Kb / 7P
N-Channel SDMOS TM Power Transistor
logo
Taiwan Semiconductor Co...
TSM2N70 TSC-TSM2N70_11 Datasheet
442Kb / 10P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOB414 AOSMD-AOB414 Datasheet
350Kb / 7P
N-Channel SDMOS TM Power Transistor
logo
DIYI Electronic Technol...
7N70 DYELEC-7N70 Datasheet
2Mb / 7P
700V N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOTF190A60L AOSMD-AOTF190A60L Datasheet
345Kb / 6P
600V, a MOS5 TM N-Channel Power Transistor
AOB600A70L AOSMD-AOB600A70L Datasheet
534Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
AOD600A70R AOSMD-AOD600A70R Datasheet
533Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.3.0: August 2020
AONS420A70 AOSMD-AONS420A70 Datasheet
684Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev1.0: December 2021
AOD600A70 AOSMD-AOD600A70 Datasheet
667Kb / 6P
700V, aMOS5TM N-Channel Power Transistor
Rev.1.1: December 2021
AONS520A70 AOSMD-AONS520A70 Datasheet
693Kb / 6P
700V, a MOS5 TM N-Channel Power Transistor
Rev 1.0: December 2021
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com