Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC329 Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC329
Description  GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
File Size   206.0 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC329 Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Micross Components
HMC329 MICROSS-HMC329 Datasheet
859Kb / 9P
Microwave Point-to-Point Radios
logo
Analog Devices
HMC329A AD-HMC329A Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
HMC329A-SX AD-HMC329A-SX Datasheet
438Kb / 28P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
7/2018-Revision 0
More results


Similar Description - HMC329

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC294 HITTITE-HMC294 Datasheet
174Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329 Datasheet
165Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3 Datasheet
282Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
logo
Tyco Electronics
MA4EX2401 MACOM-MA4EX2401 Datasheet
422Kb / 4P
GaAs MMIC Double Balanced 24 GHz Mixer
logo
Hittite Microwave Corpo...
HMC329LM3 HITTITE-HMC329LM3_06 Datasheet
345Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_00 Datasheet
223Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329 HITTITE-HMC329_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
HMC329LM3 HITTITE-HMC329LM3_08 Datasheet
230Kb / 8P
GaAs MMIC DOUBLE-BALANCED SMT MIXER, 26 - 40 GHz
HMC294 HITTITE-HMC294_10 Datasheet
216Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 25 - 40 GHz
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com