Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD014A Datasheet (PDF) - SIPAT Co,Ltd

Part # SPD014A
Description  SAW Duplexer 836.5/881.5MHz
File Size   819.15 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SPD014A Datasheet (PDF) - SIPAT Co,Ltd



Similar Part No. - SPD014A

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
SPD01212 SIPOWER-SPD01212 Datasheet
398Kb / 3P
Standard Recovery Diode
logo
List of Unclassifed Man...
SPD015A ETC1-SPD015A Datasheet
51Kb / 4P
Smartec Pressure Sensor
SPD015G ETC1-SPD015G Datasheet
51Kb / 4P
Smartec Pressure Sensor
logo
Infineon Technologies A...
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
279Kb / 10P
Cool MOS??Power Transistor
2004-03-01
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results


Similar Description - SPD014A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
836.5/881.5 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1207D RFM-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0072A TAI-SAW-TF0072A Datasheet
596Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
logo
Murata Manufacturing Co...
SF1207D MURATA-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0226AA0033 TAI-SAW-TF0226AA0033 Datasheet
1Mb / 12P
SAW Duplexer 836.5/881.5MHz BW 25/25MHz
REV. NO.:1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com