Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD014A Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SPD014A
Description  SAW Duplexer 836.5/881.5MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SPD014A Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SPD014A Datasheet HTML 1Page - SIPAT Co,Ltd SPD014A Datasheet HTML 2Page - SIPAT Co,Ltd SPD014A Datasheet HTML 3Page - SIPAT Co,Ltd SPD014A Datasheet HTML 4Page - SIPAT Co,Ltd SPD014A Datasheet HTML 5Page - SIPAT Co,Ltd SPD014A Datasheet HTML 6Page - SIPAT Co,Ltd SPD014A Datasheet HTML 7Page - SIPAT Co,Ltd SPD014A Datasheet HTML 8Page - SIPAT Co,Ltd SPD014A Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SPD014A
Rev. Date
2006-8-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/9
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
SAW Duplexer
836.5/881.5MHz
Part Number: SPD014A
□: Date code(Provided by planer each year)
△: Year code
Odd Year
Even Year
Year Code
F
f
E. FREQUENCY CHARACTERISTICS:
Tx to Ant
CH1
S21
LOG
10 dB/
RE F 0 dB
CE NT ER
859
. 000
000
MHz
SPAN
200
. 000
000
MHz
Cor
Del
PRm
9 Feb 2004 10:51:48
1
2
3
4
5
5 : -1 . 6318
dB
836
. 500
000
MHz
CH1
Markers
1 : -1 . 8597
dB
824
. 000
MHz
2 : -1 . 8640
dB
849
. 000
MHz
3: -47
. 977
dB
869
. 000
MHz
4: -46
. 077
dB
894
. 000
MHz
CH1
S21
L OG
10 dB/
RE F 0 dB
START
. 030
000
MHz
STOP
4 000
. 000
000
MHz
Cor
Del
PRm
9 Feb 2004 11:22:22
12
3
4
5
5 : -18
. 046
dB
1 698
. 000
000
MHz
CH1
Ma rke rs
1: -1 . 6993
dB
824
. 000
MHz
2: -1 . 7498
dB
849
. 000
MHz
3: -49
. 441
dB
869
. 000
MHz
4: -46
. 351
dB
894
. 000
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com