Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD014A Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SPD014A
Description  SAW Duplexer 836.5/881.5MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SPD014A Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SPD014A Datasheet HTML 1Page - SIPAT Co,Ltd SPD014A Datasheet HTML 2Page - SIPAT Co,Ltd SPD014A Datasheet HTML 3Page - SIPAT Co,Ltd SPD014A Datasheet HTML 4Page - SIPAT Co,Ltd SPD014A Datasheet HTML 5Page - SIPAT Co,Ltd SPD014A Datasheet HTML 6Page - SIPAT Co,Ltd SPD014A Datasheet HTML 7Page - SIPAT Co,Ltd SPD014A Datasheet HTML 8Page - SIPAT Co,Ltd SPD014A Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SPD014A
Rev. Date
2006-8-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/9
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
SAW Duplexer
836.5/881.5MHz
Part Number: SPD014A
A. MAXIMUM RATING:
1.Input Power Level: 1.2W>50000 Hours, CW tone(Ta=50
°C)
2.DC voltage: 0 V
3.Operating Temperature: -30
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
5.Input Impedance: 50
Ω
6.Output Impedance: 50
Ω
B. ELECTRICAL CHARACTERISTICS:
Tx to Ant
Item
Unit
Min.
Type.
Max.
Insertion Loss
824~849MHz
IL
dB
-
2.0
2.5
Ripple
824~849MHz
dB
-
0.8
1.4
VSWR
824~849MHz
-
-
1.9
2.4
Absolute Attenuation:(Reference level from 0dB)
779~804
MHz
869~894
MHz
1648~1698
MHz
2472~2547
MHz
dB
dB
dB
dB
10
40
10
2
13
45
16
5
-
-
-
-
Ant to Rx
Item
Unit
Min.
Type.
Max.
Insertion Loss
869~894MHz
IL
dB
-
2.6
3.5
Ripple
869~894MHz
dB
-
1.0
2.0
VSWR
869~894MHz
-
-
1.6
2.2
Absolute Attenuation:(Reference level from 0dB)
824~849
MHz
930~1200
MHz
1200~1500
MHz
2472~2547
MHz
dB
dB
dB
dB
52
35
30
32
57
38
45
37
-
-
-
-
RoHS Compliant
Lead free
Lead-free soldering


Similar Part No. - SPD014A

ManufacturerPart #DatasheetDescription
logo
SiPower Inc.
SPD01212 SIPOWER-SPD01212 Datasheet
398Kb / 3P
Standard Recovery Diode
logo
List of Unclassifed Man...
SPD015A ETC1-SPD015A Datasheet
51Kb / 4P
Smartec Pressure Sensor
SPD015G ETC1-SPD015G Datasheet
51Kb / 4P
Smartec Pressure Sensor
logo
Infineon Technologies A...
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
279Kb / 10P
Cool MOS??Power Transistor
2004-03-01
SPD01N60C3 INFINEON-SPD01N60C3 Datasheet
910Kb / 11P
Cool MOS??Power Transistor
Rev. 2.5 2008-04-07
More results

Similar Description - SPD014A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
856331 ETC2-856331 Datasheet
741Kb / 6P
836.5/881.5 MHz SAW Duplexer
logo
RF Monolithics, Inc
SF1207D RFM-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0066A TAI-SAW-TF0066A Datasheet
331Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0067A TAI-SAW-TF0067A Datasheet
367Kb / 8P
SAW Duplexer 836.5/881.5MHz SMD 2.5횞2.0 mm
TF0071A TAI-SAW-TF0071A Datasheet
605Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0072A TAI-SAW-TF0072A Datasheet
596Kb / 7P
Duplexer 836.5/881.5MHz 25MHz BW SMD 3.8횞3.8 mm
TF0089A TAI-SAW-TF0089A Datasheet
350Kb / 13P
Duplexer 836.5/881.5MHz 25MHz BW SMD 2.0횞1.6 mm
logo
Murata Manufacturing Co...
SF1207D MURATA-SF1207D Datasheet
796Kb / 7P
836.5/881.5 MHz SAW Duplexer
logo
TriQuint Semiconductor
856908 TRIQUINT-856908_15 Datasheet
931Kb / 8P
836.5/881.5 MHz SAW Duplexer
logo
TAI-SAW TECHNOLOGY CO.,...
TF0226AA0033 TAI-SAW-TF0226AA0033 Datasheet
1Mb / 12P
SAW Duplexer 836.5/881.5MHz BW 25/25MHz
REV. NO.:1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com