Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD014A Datasheet(PDF) 2 Page - SIPAT Co,Ltd

Part # SPD014A
Description  SAW Duplexer 836.5/881.5MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SPD014A Datasheet(HTML) 2 Page - SIPAT Co,Ltd

  SPD014A Datasheet HTML 1Page - SIPAT Co,Ltd SPD014A Datasheet HTML 2Page - SIPAT Co,Ltd SPD014A Datasheet HTML 3Page - SIPAT Co,Ltd SPD014A Datasheet HTML 4Page - SIPAT Co,Ltd SPD014A Datasheet HTML 5Page - SIPAT Co,Ltd SPD014A Datasheet HTML 6Page - SIPAT Co,Ltd SPD014A Datasheet HTML 7Page - SIPAT Co,Ltd SPD014A Datasheet HTML 8Page - SIPAT Co,Ltd SPD014A Datasheet HTML 9Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
SPD014A
Rev. Date
2006-8-16
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 2/9
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
SAW Duplexer
836.5/881.5MHz
Part Number: SPD014A
Tx to Rx
Item
Unit
Min.
Type.
Max.
Isolation
824~849MHz
dB
54
62
-
Isolation
869~894MHz
dB
43
52
-
C. EVALUATION CIRCUIT:
D.OUTLINE DRAWING:
0 1 4
Pin 5: Rx(Receiver)
Pin 8:Ant(Antenna)
Pin11:Tx(Transmitter)
Pin 1,2,3,4,6,7,9,10,12: Ground
Tx Port
Rx Port



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com