Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet (PDF) - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
File Size   94.93 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet (PDF) - NXP Semiconductors



Similar Part No. - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69 Datasheet
45Kb / 8P
PNP medium power transistor
1999 Apr 08
logo
Zetex Semiconductors
BCP69 ZETEX-BCP69 Datasheet
43Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Siemens Semiconductor G...
BCP69 SIEMENS-BCP69 Datasheet
136Kb / 4P
PNP Silicon AF Transistor (For general AF application High collector current High current gain)
logo
Infineon Technologies A...
BCP69 INFINEON-BCP69 Datasheet
43Kb / 4P
PNP Silicon AF Transistor
Nov-29-2001
logo
Weitron Technology
BCP69 WEITRON-BCP69 Datasheet
208Kb / 4P
PNP Silicon Epitaxial Transistor
More results


Similar Description - BCP69

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC368 NXP-BC368 Datasheet
143Kb / 9P
NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BC869 NXP-BC869 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BCP68T NXP-BCP68T Datasheet
173Kb / 12P
NPN medium power transistor 20 V, 1 A
2003 Nov 25
logo
Nexperia B.V. All right...
BSR30-Q NEXPERIA-BSR30-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR30 NEXPERIA-BSR30 Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31-Q NEXPERIA-BSR31-Q Datasheet
181Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR31 NEXPERIA-BSR31 Datasheet
180Kb / 7P
60 V, 1 A PNP medium power transistor
10 March 2023
BSR33-Q NEXPERIA-BSR33-Q Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
BSR33 NEXPERIA-BSR33 Datasheet
181Kb / 7P
80 V, 1 A PNP medium power transistor
9 March 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com