Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors BCP69 Datasheet HTML 11Page - NXP Semiconductors BCP69 Datasheet HTML 12Page - NXP Semiconductors BCP69 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
10 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
10. Soldering
Fig 12. Reflow soldering footprint SOT223 (SC-73)
Fig 13. Wave soldering footprint SOT223 (SC-73)
sot223_fr
1.2
(4
×)
1.2
(3
×)
1.3
(4
×)
1.3
(3
×)
6.15
7
3.85
3.6
3.5
0.3
3.9
7.65
2.3
2.3
6.1
4
23
1
solder lands
solder resist
occupied area
solder paste
Dimensions in mm
sot223_fw
1.9
6.7
8.9
8.7
1.9
(3
×)
1.9
(2
×)
1.1
6.2
2.7
2.7
2
4
3
1
solder lands
solder resist
occupied area
preferred transport
direction during soldering
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com