Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 2Page - NXP Semiconductors BCP69 Datasheet HTML 3Page - NXP Semiconductors BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
6 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
7.
Characteristics
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base cut-off
current
VCB = −25 V; IE =0A
-
-
−100
nA
VCB = −25 V; IE =0A;
Tj = 150 °C
--
−10
µA
IEBO
emitter-base cut-off
current
VEB = −5 V; IC =0A
-
-
−100
nA
hFE
DC current gain
BCP69
VCE = −10 V;
IC = −5mA
50
-
-
VCE = −1V;
IC = −500 mA
85
-
375
VCE = −1 V; IC = −1A
60
-
-
BCP69-16
BCP69-16/DG
VCE = −1V;
IC = −500 mA
100
-
250
BCP69-16/IN
VCE = −1V;
IC = −500 mA
140
-
230
BCP69-25
VCE = −1V;
IC = −500 mA
160
-
375
VCEsat
collector-emitter
saturation voltage
IC = −1A;
IB = −100 mA
--
−500
mV
VBE
base-emitter voltage
VCE = −10 V;
IC = −5mA
--
−700
mV
VCE = −1 V; IC = −1A
-
-
−1V
Cc
collector capacitance
VCB = −10 V;
IE =ie =0A;
f=1MHz
-28
-
pF
fT
transition frequency
VCE = −5V;
IC = −50 mA;
f = 100 MHz
40
140
-
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com