Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP69 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BCP69
Description  20 V, 1 A PNP medium power transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BCP69 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BCP69 Datasheet HTML 4Page - NXP Semiconductors BCP69 Datasheet HTML 5Page - NXP Semiconductors BCP69 Datasheet HTML 6Page - NXP Semiconductors BCP69 Datasheet HTML 7Page - NXP Semiconductors BCP69 Datasheet HTML 8Page - NXP Semiconductors BCP69 Datasheet HTML 9Page - NXP Semiconductors BCP69 Datasheet HTML 10Page - NXP Semiconductors BCP69 Datasheet HTML 11Page - NXP Semiconductors BCP69 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BCP69_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 2 December 2008
8 of 13
NXP Semiconductors
BCP69
20 V, 1 A PNP medium power transistor
VCE = −1V
Tamb =25 °C
Fig 7.
BCP69-25: DC current gain as a function of
collector current; typical values
Fig 8.
BCP69-25: Collector current as a function of
collector-emitter voltage; typical values
VCE = −1V
IC/IB =10
Fig 9.
BCP69-25: Base-emitter voltage as a function
of collector current; typical values
Fig 10. BCP69-25: Collector-emitter saturation voltage
as a function of collector current; typical
values
mle309
102
103
−10−1
−1
−10
−102
−103
−104
IC (mA)
hFE
006aab404
0
IC
(A)
VCE (V)
−2.4
−2.0
−1.6
−1.2
−0.8
−0.4
0
−1
−5
−2
−3
−4
IB (mA) = −12.0
−10.8
−2.4
−3.6
−4.8
−6.0
−1.2
−9.6
−8.4
−7.2
mle304
−400
−600
−200
−800
−1000
VBE
(mV)
0
IC (mA)
−10−1
−104
−103
−1
−102
−10
mle310
−102
−103
−10
−1
−10−1
IC (mA)
VCEsat
(mV)
−102
−103
−104
−10
−1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com