Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-328 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

Part # DS-328
Description  Three-Way Power Divider, 3 - 700 MHz
File Size   64.51 Kbytes
Html View  1   2 
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

DS-328 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.



Similar Part No. - DS-328

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
logo
M/A-COM Technology Solu...
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
logo
Tyco Electronics
DS-328PIN MACOM-DS-328PIN Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
More results


Similar Description - DS-328

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DS-328 MACOM-DS-328 Datasheet
123Kb / 1P
Three-Way Power Divider 3 - 700 MHz
PD20-0010-S MACOM-PD20-0010-S Datasheet
22Kb / 1P
Three-Way In-Phase Power Divider 25 - 1000 MHz
logo
M/A-COM Technology Solu...
DS-117 MA-COM-DS-117 Datasheet
76Kb / 3P
Three-Way Power Divider, 1 - 300 MHz
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider, 25 - 1000 MHz
logo
American Accurate Compo...
JXWBGF-T-3-10-500 AAC-JXWBGF-T-3-10-500 Datasheet
59Kb / 1P
3-Way Power Divider
logo
M/A-COM Technology Solu...
DS-117-308 MA-COM-DS-117-308 Datasheet
76Kb / 3P
Three-Way Power Divider
DS-323 MA-COM-DS-323 Datasheet
62Kb / 2P
Flatpack Three-Way Power Divider
DS-328 MA-COM-DS-328 Datasheet
64Kb / 2P
Three-Way Power Divider
logo
SYNERGY MICROWAVE CORPO...
DCK-3-7S SYNERGY-DCK-3-7S Datasheet
403Kb / 3P
3-WAY POWER DIVIDER
logo
M/A-COM Technology Solu...
MAPD-008812-0003HW MA-COM-MAPD-008812-0003HW_15 Datasheet
383Kb / 4P
3-Way Power Divider
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com