Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53274 Datasheet (PDF) - Micropac Industries

Part # 53274
Description  Solid State Relay SPST, 90VDC - 10A
File Size   68.02 Kbytes
Html View  1   2   3   4   5 
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53274 Datasheet (PDF) - Micropac Industries



Similar Part No. - 53274

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
53274 MICROPAC-53274_17 Datasheet
61Kb / 5P
Solid State Relay
More results


Similar Description - 53274

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
53012 MICROPAC-53012 Datasheet
149Kb / 4P
SPST SOLID-STATE RELAY
53024 MICROPAC-53024 Datasheet
112Kb / 3P
SPST SOLID-STATE RELAY
53254 MICROPAC-53254 Datasheet
145Kb / 4P
40VDC - 10A SOLID STATE RELAY
53255 MICROPAC-53255 Datasheet
113Kb / 4P
400VDC - 10A SOLID STATE RELAY
logo
List of Unclassifed Man...
53274 ETC2-53274 Datasheet
56Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
Micropac Industries
53274 MICROPAC-53274 Datasheet
68Kb / 5P
Solid State Relay SPST, 90VDC - 10A
logo
International Rectifier
RDHA710FR10A1NX IRF-RDHA710FR10A1NX Datasheet
119Kb / 5P
Radiation Hardended, 100V Single 10A, Solid State Relay
logo
Willow Technologies Ltd
602 WILLOW-602 Datasheet
536Kb / 2P
10A, 250Vac Optically Isolated AC Solid-State Relay
logo
Micropac Industries
53012 MICROPAC-53012_02 Datasheet
76Kb / 4P
SPST SOLID-STATE RELAY
53024 MICROPAC-53024_02 Datasheet
39Kb / 3P
SPST SOLID-STATE RELAY
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com