Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

73049 Datasheet (PDF) - Pomona Electronics

Part # 73049
Description  N Type Right-Angle Plug, 50 Ohm, Crimp Type , RG55, 142, 223
File Size   142.41 Kbytes
Html View  1   2 
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics

73049 Datasheet (PDF) - Pomona Electronics



Similar Part No. - 73049

ManufacturerPart #DatasheetDescription
logo
Coto Technology
7304 COTO-7304 Datasheet
1Mb / 4P
7000 SERIES/HIGH RELIABILITY REED RELAYS
logo
Heyco.
7304 HEYCO-7304 Datasheet
132Kb / 1P
Female Pin Connectors
logo
Mitutoyo America Corpor...
7304 MITUTOYO-7304 Datasheet
95Kb / 1P
Dial Thickness Gages
logo
V-COIL THREAD SYSTEM
7304 V-COIL-7304 Datasheet
102Kb / 3P
Wire-Thread-Inserts
logo
Pomona Electronics
73040 POMONA-73040 Datasheet
87Kb / 1P
Accessory Kit for Modular & Microline Passive Oscilloscope Probes
More results


Similar Description - 73049

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73042 POMONA-73042 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG174, 188, 316
73048 POMONA-73048 Datasheet
140Kb / 2P
N Type Right-Angle Plug, 50 Ohm, Clamp Type, RG214, 225, 393
73050 POMONA-73050 Datasheet
134Kb / 2P
N Type Plug, 50 Ohm, Crimp Type , RG58, 141
73052 POMONA-73052 Datasheet
123Kb / 2P
N Type Plug, 50 Ohm, Crimp Type, Semi-Rigid 402
73054 POMONA-73054 Datasheet
139Kb / 2P
TNC Right-Angle Plug, 50 Ohm, Crimp Type, RG55, 142, 223, 400
73061 POMONA-73061 Datasheet
136Kb / 2P
BNC Right-Angle Plug, 50 Ohm, Crimp Type, RG58, 141
logo
List of Unclassifed Man...
R124172123 ETC2-R124172123 Datasheet
53Kb / 2P
RIGHT ANGLE PLUG CRIMP TYPE
R223182000 ETC2-R223182000 Datasheet
178Kb / 3P
RIGHT ANGLE PLUG CRIMP TYPE
R124176123 ETC2-R124176123 Datasheet
53Kb / 2P
RIGHT ANGLE PLUG CRIMP TYPE CABLE 5/50 D
logo
Molex Electronics Ltd.
0732510670 MOLEX11-0732510670 Datasheet
69Kb / 1P
50 Ohms, SMA Right-Angle Plug, RG-142, RG-223, and RG-55 Cable
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com