Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW36 Datasheet (PDF) - Gulf Semiconductor

Part # BYW36
Description  SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
File Size   147.73 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

BYW36 Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - BYW36

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
46Kb / 4P
Fast Silicon Mesa Rectifiers
24-Jun-98
logo
General Semiconductor
BYW36 GE-BYW36 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Galaxy Semi-Conductor H...
BYW36 BILIN-BYW36 Datasheet
72Kb / 2P
FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
BYW36 EIC-BYW36 Datasheet
50Kb / 2P
FAST RECOVERY RECTIFIER DIODES
logo
Vishay Siliconix
BYW36 VISHAY-BYW36 Datasheet
118Kb / 4P
Fast Avalanche Sinterglass Diode
30-Jul-10
More results


Similar Description - BYW36

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
1N5061 GULFSEMI-1N5061 Datasheet
73Kb / 2P
SINTERED GLASS JUNCTION AVALANCHE RECTIFIER VOLTAGE竊?00V to 800V CURRENT: 2.0A
1N5418 GULFSEMI-1N5418 Datasheet
86Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYV26A GULFSEMI-BYV26A Datasheet
80Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26B GULFSEMI-BYV26B Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYV26D GULFSEMI-BYV26D Datasheet
83Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.0A
BYW54 GULFSEMI-BYW54 Datasheet
79Kb / 2P
SINTERED GLASS JUNCTION GENERAL AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
BYW72 GULFSEMI-BYW72 Datasheet
93Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
GI1104 GULFSEMI-GI1104 Datasheet
117Kb / 2P
SINTERED GLASS JUNCTION FAST EFFICIENT RECTIFIER VOLTAGE竊?00V CURRENT: 2.0A
RG1.5J GULFSEMI-RG1.5J Datasheet
81Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 1.5A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com