Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UGSP08J Datasheet (PDF) - Gulf Semiconductor

Part # UGSP08J
Description  Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
File Size   76.58 Kbytes
Html View  1   2 
Manufacturer  GULFSEMI [Gulf Semiconductor]
Direct Link  http://www.gulfsemi.com
Logo GULFSEMI - Gulf Semiconductor

UGSP08J Datasheet (PDF) - Gulf Semiconductor



Similar Part No. - UGSP08J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
UGSP03J GULFSEMI-UGSP03J Datasheet
111Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE竊?00V CURRENT竊?.0A
UGSP04J GULFSEMI-UGSP04J Datasheet
75Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:10.0A
UGSP05D GULFSEMI-UGSP05D Datasheet
68Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 5.0A
UGSP05F GULFSEMI-UGSP05F Datasheet
74Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 300V CURRENT:5.0A
UGSP05G GULFSEMI-UGSP05G Datasheet
88Kb / 2P
Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:5.0A
More results


Similar Description - UGSP08J

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
FESA08G GULFSEMI-FESA08G Datasheet
91Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 400V CURRENT: 8.0A
FESA08J GULFSEMI-FESA08J Datasheet
101Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
FESB08J GULFSEMI-FESB08J Datasheet
107Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
RESA08J GULFSEMI-RESA08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESA08J GULFSEMI-UESA08J Datasheet
101Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UESP08D GULFSEMI-UESP08D Datasheet
110Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT:8.0A
UESP08J GULFSEMI-UESP08J Datasheet
90Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UGSA08D GULFSEMI-UGSA08D Datasheet
126Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 200V CURRENT: 8.0A
UGSA08J GULFSEMI-UGSA08J Datasheet
107Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
UGSB08J GULFSEMI-UGSB08J Datasheet
80Kb / 2P
Ultra fast Plastic Power Rectifiers VOLTAGE: 600V CURRENT:8.0A
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com