Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100A0R8BW150XT Datasheet (PDF) - RF Micro Devices

Part # 100A0R8BW150XT
Description  30MHz TO 512MHz, 9W GaN WIDEBAND
File Size   1071.47 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

100A0R8BW150XT Datasheet (PDF) - RF Micro Devices



Similar Part No. - 100A0R8BW150XT

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
100A E-SWITCH-100A Datasheet
290Kb / 4P
PROCESS SEALED MINIATURE TOGGLE SWITCHES
100A E-SWITCH-100A Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
Beehive Electronics LLC
100A BEEHIVEELECTRONICS-100A Datasheet
90Kb / 4P
100 Series EMC Probes
rev. 2.2
logo
Freescale Semiconductor...
100A100JP500X FREESCALE-100A100JP500X Datasheet
132Kb / 12P
Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
AVX Corporation
100A101FCA200XT AVX-100A101FCA200XT Datasheet
1Mb / 633P
Change Notification Product Part Series Name Change
September 16, 2020
More results


Similar Description - 100A0R8BW150XT

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3826 RFMD-RF3826 Datasheet
1Mb / 15P
30MHz TO 2500MHz, 9W GaN WIDEBAND
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1006 RFMD-RFHA1006 Datasheet
1Mb / 11P
225MHz TO 1215MHz, 9W GaN WIDEBAND
RF3928 RFMD-RF3928 Datasheet
923Kb / 11P
280W GaN WIDEBAND PULSED POWER
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
380W GaN WIDEBAND PULSED
logo
M/A-COM Technology Solu...
MAGX-011087-V1P MA-COM-MAGX-011087-V1P Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
MAGX-011087 MA-COM-MAGX-011087_15 Datasheet
1Mb / 9P
GaN Wideband Power Amplifier
MATR-GSHC03-160150 MA-COM-MATR-GSHC03-160150 Datasheet
1Mb / 11P
GaN Wideband Transistor Die
logo
Microchip Technology
GMICP2731-10 MICROCHIP-GMICP2731-10 Datasheet
788Kb / 22P
27.5 ??31 GHz 9W GaN PA MMIC
2021
ICP2840 MICROCHIP-ICP2840 Datasheet
787Kb / 21P
27.5 – 31 GHz 9W GaN PA MMIC
12/2021 Revision B
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com