Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9816 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9816
Description  WAVEGUIDE TO 7mm
File Size   74.68 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9816 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9816

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9810 PASTERNACK-PE9810 Datasheet
272Kb / 2P
WR-90 to SMA Male Waveguide to Coax Adapter 8.2 GHz to 12.4 GHz
PE9811 PASTERNACK-PE9811 Datasheet
74Kb / 1P
waveguide to sma male frequency range: 7,0~11,0 GHz
PE9812 PASTERNACK-PE9812 Datasheet
266Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813 PASTERNACK-PE9813 Datasheet
261Kb / 2P
WR-42 to 2.92mm Male Waveguide to Coax Adapter 18 GHz to 26.5 GHz
PE9813A PASTERNACK-PE9813A Datasheet
364Kb / 3P
WR-42 UG-595/U Square Cover Flange to 2.92mm Male Waveguide to Coax Adapter Operating From 18 GHz to 26.5 GHz
More results


Similar Description - PE9816

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
975WCAN AAC-975WCAN Datasheet
179Kb / 5P
Waveguide to Coaxial Adapter
logo
Pasternack Enterprises,...
PE9218 PASTERNACK-PE9218 Datasheet
122Kb / 1P
7mm TO TNC FEMALE, PRECISION ADAPTER
PE9219 PASTERNACK-PE9219 Datasheet
105Kb / 1P
7mm TO TNC MALE, PRECISION ADAPTER
PE9814 PASTERNACK-PE9814 Datasheet
74Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE : 12,40~18,0 GHz
PE9815 PASTERNACK-PE9815 Datasheet
80Kb / 1P
WAVEGUIDE TO 7mm FREQUENCY RANGE:8,20~12,40 GHz
PE9216 PASTERNACK-PE9216 Datasheet
84Kb / 1P
7mm TO N FEMALE, PRECISION ADAPTER
PE9328 PASTERNACK-PE9328 Datasheet
118Kb / 1P
7mm TO SC FEMALE, PRECISION ADAPTER
PE9329 PASTERNACK-PE9329 Datasheet
107Kb / 1P
7mm TO SC MALE, PRECISION ADAPTER
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
SSMA MALE TO 7mm, PRECISION ADAPTER
PE9459 PASTERNACK-PE9459 Datasheet
83Kb / 1P
7mm TO 2.4mm FEMALE, PRECISION ADAPTER
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com