Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9328 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9328
Description  7mm TO SC FEMALE, PRECISION ADAPTER
File Size   118.91 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9328 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
logo
Pletronics, Inc.
PE9320DEV PLETRONICS-PE9320DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9320DV PLETRONICS-PE9320DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9321 PASTERNACK-PE9321 Datasheet
242Kb / 2P
Precision 3.5mm Female to N Male Adapter
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
More results


Similar Description - PE9328

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9218 PASTERNACK-PE9218 Datasheet
122Kb / 1P
7mm TO TNC FEMALE, PRECISION ADAPTER
PE9220 PASTERNACK-PE9220 Datasheet
242Kb / 3P
Precision 7mm Sexless to BNC Female Adapter
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
PE9216 PASTERNACK-PE9216 Datasheet
84Kb / 1P
7mm TO N FEMALE, PRECISION ADAPTER
PE9325 PASTERNACK-PE9325 Datasheet
254Kb / 3P
Precision 3.5mm Female to 7mm Sexless Adapter
PE9329 PASTERNACK-PE9329 Datasheet
107Kb / 1P
7mm TO SC MALE, PRECISION ADAPTER
PE9356 PASTERNACK-PE9356 Datasheet
251Kb / 3P
Precision SSMA Female to 7mm Sexless Adapter
PE9459 PASTERNACK-PE9459 Datasheet
83Kb / 1P
7mm TO 2.4mm FEMALE, PRECISION ADAPTER
PE9461 PASTERNACK-PE9461 Datasheet
89Kb / 1P
7mm TO 2.9mm FEMALE PRECISION ADAPTER FREQUENCY RANGE:DC TO 18GHz
PE9214 PASTERNACK-PE9214 Datasheet
242Kb / 2P
Precision SMA Female to 7mm Sexless Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com