Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9329 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE9329
Description  7mm TO SC MALE, PRECISION ADAPTER
File Size   107.2 Kbytes
Html View  1 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9329 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE9329

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9320 PASTERNACK-PE9320 Datasheet
247Kb / 2P
N Female to SMC Plug Adapter
logo
Pletronics, Inc.
PE9320DEV PLETRONICS-PE9320DEV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
PE9320DV PLETRONICS-PE9320DV Datasheet
139Kb / 8P
PE93D Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9321 PASTERNACK-PE9321 Datasheet
242Kb / 2P
Precision 3.5mm Female to N Male Adapter
PE9322 PASTERNACK-PE9322 Datasheet
256Kb / 3P
Precision 3.5mm Male to N Male Adapter
More results


Similar Description - PE9329

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9219 PASTERNACK-PE9219 Datasheet
105Kb / 1P
7mm TO TNC MALE, PRECISION ADAPTER
PE9215 PASTERNACK-PE9215 Datasheet
234Kb / 2P
Precision SMA Male to 7mm Sexless Adapter
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
PE9221 PASTERNACK-PE9221 Datasheet
246Kb / 2P
Precision 7mm Sexless to BNC Male Adapter
PE9326 PASTERNACK-PE9326 Datasheet
255Kb / 2P
Precision 3.5mm Male to 7mm Sexless Adapter
PE9328 PASTERNACK-PE9328 Datasheet
118Kb / 1P
7mm TO SC FEMALE, PRECISION ADAPTER
PE9355 PASTERNACK-PE9355 Datasheet
109Kb / 1P
SSMA MALE TO 7mm, PRECISION ADAPTER
PE9458 PASTERNACK-PE9458 Datasheet
87Kb / 1P
7mm TO 2.4mm MALE, PRECISION ADAPTER
PE9460 PASTERNACK-PE9460 Datasheet
111Kb / 1P
7mm TO 2.9mm MALE, PRECISION ADAPTER
PE9217 PASTERNACK-PE9217 Datasheet
248Kb / 3P
Precision N Male to 7mm Sexless Adapter
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com