Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXO-HC32 Datasheet (PDF) - Fox Electronics

Part # FXO-HC32
Description  HCMOS 3.2 x 2.5mm 2.5V Oscillator
File Size   1031.64 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FXO-HC32 Datasheet (PDF) - Fox Electronics



Similar Part No. - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
More results


Similar Description - FXO-HC32

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FXO-HC52 FOX-FXO-HC52 Datasheet
341Kb / 15P
HCMOS 5 x 3.2mm 2.5V Oscillator
FXO-HC72 FOX-FXO-HC72 Datasheet
341Kb / 14P
HCMOS 7 x 5mm 2.5V Oscillator
FXO-HC33 FOX-FXO-HC33 Datasheet
1Mb / 24P
HCMOS 3.2 x 2.5mm 3.3V Oscillator
FXO-LC32 FOX-FXO-LC32 Datasheet
1Mb / 16P
LVDS 3.2 x 2.5mm 2.5V Oscillator
FXO-LC33 FOX-FXO-LC33 Datasheet
852Kb / 16P
LVDS 3.2 x 2.5mm 3.3V Oscillator
logo
EUROQUARTZ limited
EM32T EUROQUARTZ-EM32T Datasheet
141Kb / 1P
HCMOS TCXO 3.2 x 2.5mm SMD
logo
Fox Electronics
FXU-HC52 FOX-FXU-HC52 Datasheet
600Kb / 11P
HCMOS 5 x 3.2mm 2.5V Oscillator
logo
Advanced Crystal Techno...
TCME32 ACT-TCME32 Datasheet
598Kb / 2P
32.768kHz TCXO, 3.2 x 2.5mm, HCMOS
17062016
TX32CC ACT-TX32CC Datasheet
591Kb / 2P
TCXO/VC-TCXO, 3.2 x 2.5mm, HCMOS/TTL
25042016
9325AWC ACT-9325AWC Datasheet
193Kb / 2P
Clock oscillator 32.768kHz, 3.2 x 2.5mm, HCMOS
1/2/2017
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com