Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QB-840 Datasheet (PDF) - API Delevan

Part # QB-840
Description  1 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
File Size   505.42 Kbytes
Html View  1   2 
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QB-840 Datasheet (PDF) - API Delevan



Similar Part No. - QB-840

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QB-80-EP-01T RENESAS-QB-80-EP-01T Datasheet
109Kb / 1P
Emulator side
2013.05
QB-80FA-EA-02T RENESAS-QB-80FA-EA-02T Datasheet
198Kb / 1P
Drawing
QB-80FB-EA-07T RENESAS-QB-80FB-EA-07T Datasheet
185Kb / 1P
Drawing
QB-80GC-HQ-01T RENESAS-QB-80GC-HQ-01T Datasheet
787Kb / 44P
IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
QB-80GC-NQ-01T RENESAS-QB-80GC-NQ-01T Datasheet
787Kb / 44P
IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
More results


Similar Description - QB-840

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
logo
Stealth Microwave, Inc.
SM0822-39 STEALTH_MICROWAVE-SM0822-39 Datasheet
125Kb / 3P
800-2200 MHz 8 Watt Linear Power Amplifier
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
1800-2200 MHz 25 Watt Linear Power Amplifier
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
2200-2500 MHz 5 Watt Linear Power Amplifier
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
450-2200 MHz 4 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
API Delevan
QB-865 API-QB-865 Datasheet
487Kb / 2P
2 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com