Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QB-840 Datasheet(PDF) 1 Page - API Delevan

Part # QB-840
Description  1 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

QB-840 Datasheet(HTML) 1 Page - API Delevan

  QB-840 Datasheet HTML 1Page - API Delevan QB-840 Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© API Technologies Corp. Proprietary Information
|
www.apitech.com
|
micro.apitech.com
|
+1.888.553.7531
|
MicrowaveSales@apitech.com
Page #
Rev Date:
800 to 2200 MHz Class A Linear Design
Part Number: QB-840
1 Watt Broadband Driver Amplifier
5/12/2014
1
Features
Notes:
1. Specification ratings are based on measurements
in a 50 ohm system with a DC supply voltage
tolerance of ± 2%.
2. With the RF output port terminated into 50
ohms (Load VSWR ≤ 2.0 :1)
3. Maximum Operating Case Temperature is
defined as the baseplate temperature which,
if exceeded for extended periods, could
result in premature unit failure. This data is
provided for user reliability information.
This may or may not represent the
maximum temperature for electrical
parameter specifications.
Absolute Maximum Ratings
Technical Specifications (1)
Mechanical Specifications
Parameter
Unit
Typical
25°C
Min/Max
25°C
Frequency Range
MHz
800 – 2200
900 – 2200
Small Signal Gain
dB
11.0
10.0 min.
Gain Flatness
dB
+/- 0.25
+/- 0.60 max.
Reverse Isolation
dB
23
20 min.
Input VSWR
—
1.2 :1
1.5 :1 max.
Output VSWR
—
1.3 :1
1.6 :1 max.
Noise Figure
dB
6.5
7.5 max.
POUT @ 1dB Compression
dBm
+30.5
+29.0 min.
3rd Order Output IP
dBm
+48
+42 min.
2nd Order Output IP
dBm
+62
+52 min.
DC Voltage
Vdc
+12
+12
Operating DC Current
mA
420
500 max.
Parameter
Specification
Comments
Package (non-hermetic)
API Dwg: 080-23094
6061-T6 Al Alloy
Finish
Clear Iridite
MIL-DTL-5541F, Class 3
RF In/Out Connectors
Captivated SMA Female
2-Hole Flange Mount
DC Interface
9 Pin D-Sub (Female)
Standard Density
Cooling
Adequate Heat Sink Required
Note 4
Parameter
Specification
DC Voltage
+13.0 Vdc
RF Input Power (2)
+22 dBm
Operating Case
Temperature (3)
-40oC to +75oC
Storage Temperature
-55oC to +125oC
• High Output Power: +30 dBm Typical
• Flat Gain
• Balanced Configuration
• Excellent Intermodulation Performance
3rd Order Intercept: +48 dBm Typical
2nd Order Intercept: +62 dBm Typical
API Technologies’ model QB-840 is a single stage, high dynamic range driver amplifier with extended performance from 800 to
2200 MHz to cover major telecommunication bands. Using a high reliability GaAs MESFET technology in a balanced
configuration, the module is able to achieve 1W of output power at 1dB compression with exceptional linearity, gain flatness,
and VSWR at the In/Out ports across the entire frequency range. The discrete design is supplied in an aluminum package with
SMA-F connectors for the RF ports and a 9 pin D-Sub for DC power to facilitate system integration. Operating from a nominal
+12V power supply, the QB-840 draws approximately 420 mA with a small signal gain of 11 dB and a typical noise figure of 6.5
dB. Optional services include over temperature testing, environmental screening, and(or) alternate package configurations.


Similar Part No. - QB-840

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
QB-80-EP-01T RENESAS-QB-80-EP-01T Datasheet
109Kb / 1P
Emulator side
2013.05
QB-80FA-EA-02T RENESAS-QB-80FA-EA-02T Datasheet
198Kb / 1P
Drawing
QB-80FB-EA-07T RENESAS-QB-80FB-EA-07T Datasheet
185Kb / 1P
Drawing
QB-80GC-HQ-01T RENESAS-QB-80GC-HQ-01T Datasheet
787Kb / 44P
IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
QB-80GC-NQ-01T RENESAS-QB-80GC-NQ-01T Datasheet
787Kb / 44P
IECUBE is a registered trademark of NEC Electronics Corporation in Japan and Germany PC/AT is a trademark of International Business Machines Corporation.
More results

Similar Description - QB-840

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PA2001 MACOM-PA2001 Datasheet
237Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
Mimix Broadband
CMM2306 MIMIX-CMM2306 Datasheet
827Kb / 4P
800-2700 MHz Broadband Driver Amplifier
CMM2306-AJ MIMIX-CMM2306-AJ Datasheet
166Kb / 5P
800-2700 MHz Broadband Driver Amplifier
logo
Stealth Microwave, Inc.
SM0822-39 STEALTH_MICROWAVE-SM0822-39 Datasheet
125Kb / 3P
800-2200 MHz 8 Watt Linear Power Amplifier
SM1822-44 STEALTH_MICROWAVE-SM1822-44 Datasheet
129Kb / 3P
1800-2200 MHz 25 Watt Linear Power Amplifier
SM2225-37RY3 STEALTH_MICROWAVE-SM2225-37RY3 Datasheet
40Kb / 2P
2200-2500 MHz 5 Watt Linear Power Amplifier
SM04522-36 STEALTH_MICROWAVE-SM04522-36 Datasheet
96Kb / 3P
450-2200 MHz 4 Watt Linear Power Amplifier
logo
M/A-COM Technology Solu...
PA2001 MA-COM-PA2001 Datasheet
107Kb / 1P
Ultra Linear Driver Amplifier - 1 Watt 1800 to 2000 MHz
logo
API Delevan
QB-865 API-QB-865 Datasheet
487Kb / 2P
2 Watt Broadband Driver Amplifier 800 to 2200 MHz Class A Linear Design
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com