Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFIZ44N Datasheet (PDF) - International Rectifier

Part # IRFIZ44N
Description  Power MOSFET(Vdss=55V, Rds(on)=0.024ohm, Id=31A)
File Size   106.55 Kbytes
Html View  1   2   3   4   5   6   7   8 
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFIZ44N Datasheet (PDF) - International Rectifier



Similar Part No. - IRFIZ44N

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFIZ44N ISC-IRFIZ44N Datasheet
260Kb / 2P
Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFIZ44NPBF IRF-IRFIZ44NPBF Datasheet
262Kb / 8P
HEXFET Power MOSFET
IRFIZ44NPBF IRF-IRFIZ44NPBF Datasheet
271Kb / 9P
ADVANCED PROCESS TECHNOLOGY
logo
Infineon Technologies A...
IRFIZ44NPBF INFINEON-IRFIZ44NPBF Datasheet
508Kb / 9P
Advanced Process Technology
2017-04-27
logo
International Rectifier
IRFIZ44NPBF IRF-IRFIZ44NPBF_15 Datasheet
271Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results


Similar Description - IRFIZ44N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205S IRF-IRF3205S Datasheet
160Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=8.0mohm, Id=110A??
IRF5305 IRF-IRF5305 Datasheet
124Kb / 8P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5305S IRF-IRF5305S Datasheet
171Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.06ohm, Id=-31A)
IRF5N4905 IRF-IRF5N4905 Datasheet
119Kb / 7P
POWER MOSFET P-CHANNEL(Vdss=-55V, Rds(on)=0.024ohm, Id=-55A*)
IRFBA1405P IRF-IRFBA1405P Datasheet
238Kb / 9P
Power MOSFET(Vdss=55V, Rds(on)=5.0mohm, Id=174A??
IRFR2605 IRF-IRFR2605 Datasheet
345Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.075ohm, Id=19A)
IRFRU5305 IRF-IRFRU5305 Datasheet
156Kb / 10P
Power MOSFET(Vdss=-55V, Rds(on)=0.065ohm, Id=-31A)
IRFZ24N IRF-IRFZ24N Datasheet
123Kb / 8P
Power MOSFET (Vdss=55V, Rds(on)=0.07ohm, Id=17A)
IRFZ46 IRF-IRFZ46 Datasheet
165Kb / 6P
Power MOSFET(Vdss=50V, Rds(on)=0.024ohm, Id=50*A)
IRFR5305PBF IRF-IRFR5305PBF Datasheet
248Kb / 11P
HEXFET짰 Power MOSFET ( VDSS = -55V , RDS(on) = 0.065廓 , ID = -31A )
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com