Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1702 Datasheet (PDF) - RF Micro Devices

Part # RFPA1702
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
File Size   911.99 Kbytes
Html View  1   2   3   4   5   6   7   8   9 
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702 Datasheet (PDF) - RF Micro Devices



Similar Part No. - RFPA1702

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
More results


Similar Description - RFPA1702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
17.7 - 19.7GHz Power Amplifier
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com