Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1702 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFPA1702
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702 Datasheet(HTML) 1 Page - RF Micro Devices

  RFPA1702 Datasheet HTML 1Page - RF Micro Devices RFPA1702 Datasheet HTML 2Page - RF Micro Devices RFPA1702 Datasheet HTML 3Page - RF Micro Devices RFPA1702 Datasheet HTML 4Page - RF Micro Devices RFPA1702 Datasheet HTML 5Page - RF Micro Devices RFPA1702 Datasheet HTML 6Page - RF Micro Devices RFPA1702 Datasheet HTML 7Page - RF Micro Devices RFPA1702 Datasheet HTML 8Page - RF Micro Devices RFPA1702 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2012, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
RFPA1702
17.7GHz TO 19.7GHz HIGH LINEARITY
POWER AMPLIFIER
RFMD's RFPA1702 is a high linearity power amplifier in a surface mount package
designed for use in transmitters that operate at frequencies between 17.7GHz to
19.7GHz. It provides 25dB of small-signal gain. This power amplifier is optimized for
linear operation with an output third order intercept point (OIP3) of ≥ +40.0dBm.
The RFPA1702 is manufactured with depletion mode GaAs pHEMT process.
Features
Frequency Range: 17.7GHz to
19.7GHz
Small Signal Gain: 25dB
IM3 at +17dBm (SCL): +52dBc
IM3 at +21dBm (SCL): +43dBc
IM3 at +24dBm (SCL): +32.5dBc
OIP3 at +24dBm (SCL): +40dBm
P1dB: +31dBm
RL (Input): 12dB
RL (Output): 8dB
VD: 5.5V
ID: 1.3A
6mm x 6mm QFN
Applications
Point-Point Radio
Point-Multipoint Radio
DS120601
Package: Ceramic QFN, 40-pin, 6mm x 6mm x 0.95mm
RFPA1702
17.7GHz to
19.7GHz High
Linearity
RFPA1702S2
2-Piece sample bag
RFPA1702SB
5-Piece bag
RFPA1702SQ
25-Piece bag
RFPA1702SR
100-Piece reel
RFPA1702TR7
750-Piece 7” reel
RFPA1702PCBA-410
Evaluation Board


Similar Part No. - RFPA1702

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFPA1012 RFMD-RFPA1012 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-411 RFMD-RFPA1012PCK-411 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012PCK-412 RFMD-RFPA1012PCK-412 Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SQ RFMD-RFPA1012SQ Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
RFPA1012SR RFMD-RFPA1012SR Datasheet
1Mb / 11P
GaAs HBT 400MHz to 2700MHz Power Amplifier
More results

Similar Description - RFPA1702

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FMM5805GJ-1 ETC1-FMM5805GJ-1 Datasheet
235Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
Eudyna Devices Inc
FMM5815GJ-1 EUDYNA-FMM5815GJ-1 Datasheet
95Kb / 4P
17.7-19.7GHz Power Amplifier MMIC
logo
RF Micro Devices
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
RFUV1702 RFMD-RFUV1702 Datasheet
903Kb / 11P
17.7GHz TO 19.7GHz GaAs MMIC IQ UPCONVERTER
logo
United Monolithic Semic...
CHA6362-QXG UMS-CHA6362-QXG Datasheet
1Mb / 16P
17.7 - 19.7GHz Power Amplifier
logo
Guerrilla RF, Inc.
GRF5507W GUERRILLA-GRF5507W Datasheet
4Mb / 26P
HIGH LINEARITY POWER AMPLIFIER 0.7 to 0.8 GHz
October 31, 2022
GRF5536 GUERRILLA-GRF5536 Datasheet
1Mb / 19P
HIGH LINEARITY POWER AMPLIFIER 3.3 to 4.2 GHz
February 28, 2023
GRF5606 GUERRILLA-GRF5606 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 663 to 716 MHz
March 8, 2022
GRF5609 GUERRILLA-GRF5609 Datasheet
1Mb / 17P
HIGH LINEARITY POWER AMPLIFIER 814 to 862 MHz
March 8, 2022
GRF5611 GUERRILLA-GRF5611 Datasheet
1Mb / 18P
HIGH LINEARITY POWER AMPLIFIER 902 to 960 MHz
January 10, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com