Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1702 Datasheet(PDF) 4 Page - RF Micro Devices

Part # RFPA1702
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702 Datasheet(HTML) 4 Page - RF Micro Devices

  RFPA1702 Datasheet HTML 1Page - RF Micro Devices RFPA1702 Datasheet HTML 2Page - RF Micro Devices RFPA1702 Datasheet HTML 3Page - RF Micro Devices RFPA1702 Datasheet HTML 4Page - RF Micro Devices RFPA1702 Datasheet HTML 5Page - RF Micro Devices RFPA1702 Datasheet HTML 6Page - RF Micro Devices RFPA1702 Datasheet HTML 7Page - RF Micro Devices RFPA1702 Datasheet HTML 8Page - RF Micro Devices RFPA1702 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Electrical Performance
VD1 = VD2 = VD3 = 5.5V, ID1 + ID2 = 300mA, ID3 = 1000mA, ID (Total) = 1300mA
35
36
37
38
39
40
41
42
43
44
45
17.7
18.2
18.7
19.2
19.7
Frequency (GHz)
OIP3versus Frequency
Po=+17dBm (SCL)
Po=+21dBm (SCL)
Po=+24dBm (SCL)
SCL=Single Carrier Level
Total Power=SCL+3dB
20
25
30
35
40
45
50
55
60
65
70
17.7
18.2
18.7
19.2
19.7
Frequency (GHz)
IM3versus Frequency
Po=+17dBm (SCL)
Po=+21dBm (SCL)
Po=+24dBm (SCL)
SCL=Single CarrierLevel
Total Power=SCL+3dB
55
60
65
70
75
80
85
17.7
18.2
18.7
19.2
19.7
Frequency (GHz)
IM5versusFrequency
Po=+17dBm (SCL)
Po=+21dBm (SCL)
SCL=Single CarrierLevel
Total Power=SCL+3dB
20
22
24
26
28
30
32
34
36
38
40
17.7
18.2
18.7
19.2
19.7
Frequency (GHz)
P
1dB and P3dB versus Frequency (Vd=5V)
P1dB
P3dB
0
5
10
15
20
25
30
35
15
10
5
0
5
10
Pin(dBm)
Gain andPout versus Pin(Vd=5Vand 18.7GHz)
Pout
Gain
1200
1400
1600
1800
2000
2200
2400
15
10
5
0
5
10
Pin(dBm)
Ids versus Pin (Vd=5V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com