Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPA1702 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFPA1702
Description  17.7GHz TO 19.7GHz HIGH LINEARITY POWER AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFPA1702 Datasheet(HTML) 3 Page - RF Micro Devices

  RFPA1702 Datasheet HTML 1Page - RF Micro Devices RFPA1702 Datasheet HTML 2Page - RF Micro Devices RFPA1702 Datasheet HTML 3Page - RF Micro Devices RFPA1702 Datasheet HTML 4Page - RF Micro Devices RFPA1702 Datasheet HTML 5Page - RF Micro Devices RFPA1702 Datasheet HTML 6Page - RF Micro Devices RFPA1702 Datasheet HTML 7Page - RF Micro Devices RFPA1702 Datasheet HTML 8Page - RF Micro Devices RFPA1702 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3 of 9
RFPA1702
DS120601
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Small Signal Performance
VD1 = VD2 = VD3 = 5.5V, ID1 + ID2 = 300mA, ID3 = 1000mA, ID (Total) = 1300mA
0
5
10
15
20
25
30
17
17.5
18
18.5
19
19.5
20
Frequency (GHz)
Gain versus Frequency
20
18
16
14
12
10
8
6
4
2
0
17
17.5
18
18.5
19
19.5
20
Frequency (GHz)
Input RL versus Frequency
20
18
16
14
12
10
8
6
4
2
0
17
17.5
18
18.5
19
19.5
20
Frequency (GHz)
Output RLversus Frequency
60
50
40
30
20
10
0
17
17.51818.51919.520
Frequency (GHz)
Isolation versus Frequency



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com