Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7138 Datasheet (PDF) - Linear Technology

Part # LTC7138
Description  High Efficiency, 140V 400mA Step-Down Regulator
File Size   478.23 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7138 Datasheet (PDF) - Linear Technology



Similar Part No. - LTC7138_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7138 LINER-LTC7138 Datasheet
478Kb / 24P
High Efficiency, 140V 400mA Step-Down Regulator
LTC7138 LINER-LTC7138 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
LTC7138 LINER-LTC7138 Datasheet
2Mb / 38P
150V Low IQ, Synchronous Step-Down DC/DC Controller
logo
Analog Devices
LTC7138 AD-LTC7138 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
LTC7138 AD-LTC7138 Datasheet
1Mb / 32P
140V High Efficiency Switching Surge Stopper
More results


Similar Description - LTC7138_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
Advanced Analogic Techn...
AAT1147 ANALOGICTECH-AAT1147 Datasheet
645Kb / 19P
High Efficiency, Low Noise, Fast Transient 400mA Step-Down Converter
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
High Efficiency Step-down Switching Regulator
logo
Richtek Technology Corp...
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
RT8025 RICHTEK-RT8025 Datasheet
217Kb / 13P
1.25MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Linear Technology
LTC3639 LINER-LTC3639 Datasheet
373Kb / 24P
High Efficiency, 150V High Efficiency, 150V Step-Down Regulator
LTC3638 LINER-LTC3638_15 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
LTC3613EWKH LINER-LTC3613EWKH Datasheet
189Kb / 6P
Fast, High Efficiency Step-Down Regulator
LTC3638 LINER-LTC3638 Datasheet
614Kb / 26P
High Efficiency, 140V 250mA Step-Down Regulator
LTC7138 LINER-LTC7138 Datasheet
478Kb / 24P
High Efficiency, 140V 400mA Step-Down Regulator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com