Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE15A3262 Datasheet (PDF) - Pasternack Enterprises, Inc.

Part # PE15A3262
Description  Gain 30 dB min
File Size   497.08 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE15A3262 Datasheet (PDF) - Pasternack Enterprises, Inc.



Similar Part No. - PE15A3262

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3260 PASTERNACK-PE15A3260 Datasheet
613Kb / 6P
Single DC Positive Supply
PE15A3261 PASTERNACK-PE15A3261 Datasheet
525Kb / 5P
Gain 22 dB typ
PE15A3263 PASTERNACK-PE15A3263 Datasheet
463Kb / 6P
15 dBm P1dB, 500 MHz to 18 GHz, Medium Power Broadband Amplifier, 33 dB Gain, SMA
PE15A3264 PASTERNACK-PE15A3264 Datasheet
635Kb / 6P
IP3 34 dBm typ
PE15A3265 PASTERNACK-PE15A3265 Datasheet
461Kb / 5P
2 GHz to 18 GHz Frequency Range
More results


Similar Description - PE15A3262

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM-AMC-119 MACOM-AM-AMC-119 Datasheet
217Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
PREMIER DEVICES, INC.
P1935 PDI-P1935 Datasheet
203Kb / 5P
Power Amplifier 1880-1920 MHz 35 dB min. Gain @ 1900MHz
logo
M/A-COM Technology Solu...
AM-119 MA-COM-AM-119 Datasheet
81Kb / 3P
High Performance Amplifier, 8 dB Gain, 30 - 250 MHz
logo
NXP Semiconductors
BGY68 NXP-BGY68_01 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
2001 Oct 18
logo
Pasternack Enterprises,...
PE15A4006 PASTERNACK-PE15A4006 Datasheet
483Kb / 6P
30 dB Gain, 38 dBm IP3, 3 dB NF, SMA
PE15A4007 PASTERNACK-PE15A4007 Datasheet
481Kb / 6P
30 dB Gain, 45 dBm IP3, 5 dB NF, SMA
logo
Quanzhou Jinmei Electro...
BGY68_2015 JMNIC-BGY68_2015 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
logo
Pasternack Enterprises,...
PE15A3501 PASTERNACK-PE15A3501 Datasheet
460Kb / 5P
Gain of 30 dB typ
PE15A3017 PASTERNACK-PE15A3017 Datasheet
460Kb / 5P
Gain 36 dB min
logo
Quanzhou Jinmei Electro...
BGY68 JMNIC-BGY68_15 Datasheet
54Kb / 8P
75 MHz, 30 dB gain reverse amplifier
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com