Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACOW Datasheet (PDF) - Abracon Corporation

Part # ACOW
Description  FULL-SIZE DIP 32.768kHz CRYSTAL CLOCK OSCILLATOR
File Size   941.8 Kbytes
Html View  1   2 
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ACOW Datasheet (PDF) - Abracon Corporation



Similar Part No. - ACOW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACO ABRACON-ACO Datasheet
476Kb / 1P
CRYSTAL CLOCK OSCILLATORS
logo
Connor-Winfield Corpora...
ACOF5S3E CONNOR-WINFIELD-ACOF5S3E Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
ACOF5S3E-10.00 CONNOR-WINFIELD-ACOF5S3E-10.00 Datasheet
184Kb / 2P
STRATUM 3E HCMOS OCXO
logo
Abracon Corporation
ACOL ABRACON-ACOL Datasheet
448Kb / 1P
3.3Vdc HCMOS/ TTL COMPATIBLE FULL-SIZE AND HALF-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACOL-14.31818MHZ-D-C ABRACON-ACOL-14.31818MHZ-D-C Datasheet
898Kb / 2P
CRYSTAL CLOCK OSCILLATOR
03.11.14
More results


Similar Description - ACOW

ManufacturerPart #DatasheetDescription
logo
Epson Company
SG-51 EPSON-SG-51 Datasheet
78Kb / 2P
FULL & HALF-SIZE DIP HIGH-FREQUENCY CRYSTAL OSCILLATOR
logo
Abracon Corporation
ACOS ABRACON-ACOS Datasheet
509Kb / 1P
5Vdc SINE OUTPUT, FULL-SIZE DIP CRYSTAL CLOCK OSCILLATORS
ACVX1220 ABRACON-ACVX1220_07 Datasheet
289Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
logo
Oscilent Corporation
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
Metal Dip Full Size Clock Oscillators
logo
Abracon Corporation
ACT ABRACON-ACT_15 Datasheet
806Kb / 2P
TTL OUTPUT FULL SIZE DIP 5.0V CRYSTAL CLOCK OSCILLATOR
09.23.13
ACVX1220 ABRACON-ACVX1220_15 Datasheet
548Kb / 2P
TTL/CMOS FULL-SIZE DIP VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
12.03.07
AHT ABRACON-AHT Datasheet
660Kb / 2P
TTL OUTPUT HALF SIZE DIP CRYSTAL CLOCK OSCILLATOR
10.23.10
logo
Advanced Crystal Techno...
9200WC ACT-9200WC Datasheet
210Kb / 2P
Clock oscillator 32.768kHz
01/02/2017
9225WC ACT-9225WC Datasheet
175Kb / 2P
32.768kHz Clock oscillator
01/02/2017
logo
TAI-SAW TECHNOLOGY CO.,...
TZ2426A TAI-SAW-TZ2426A Datasheet
335Kb / 5P
Dip 6.0x2.0 32.768KHz Crystal Unit
REV. NO.: 1.0
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com