Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTF1951 Datasheet (PDF) - Integrated Device Technology

Part # IDTF1951
Description  6-bit 0.5 dB Digital Step Attenuator
File Size   2381.9 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTF1951 Datasheet (PDF) - Integrated Device Technology



Similar Part No. - IDTF1951

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950 Datasheet
2Mb / 17P
7-bit 0.25 dB Digital Step Attenuator
IDTF1950 IDT-IDTF1950 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
logo
Renesas Technology Corp
IDTF1950 RENESAS-IDTF1950 Datasheet
2Mb / 20P
Spurious Free Design Attenuation Error < 0.3 dB @ 2 GHz
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
7-bit 0.25 dB Digital Step Attenuator
IDTF1953 IDT-IDTF1953 Datasheet
1Mb / 17P
6-bit Digital Step Attenuator
More results


Similar Description - IDTF1951

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE Datasheet
945Kb / 8P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
TriQuint Semiconductor
TQP4M9071 TRIQUINT-TQP4M9071_15 Datasheet
388Kb / 11P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
TQP4M9072 TRIQUINT-TQP4M9072_15 Datasheet
579Kb / 12P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
logo
M/A-COM Technology Solu...
MAAD-011021-000DIE MA-COM-MAAD-011021-000DIE_16 Datasheet
987Kb / 9P
Digital Attenuator, 6-Bit, 0.5 dB LSB step
logo
Integrated Device Techn...
IDTF1912NCGI IDT-IDTF1912NCGI Datasheet
2Mb / 20P
6 Bit Digital Step Attenuator
IDTF1912NCGI IDT-IDTF1912NCGI_17 Datasheet
1Mb / 22P
6 Bit Digital Step Attenuator
logo
Advanced Semiconductor ...
AAT530B6 ASB-AAT530B6 Datasheet
199Kb / 6P
0.5 ~ 3.0 GHz LSB 0.5 dB, 6 Bit Digital Attenuator
September. 2013
logo
Integrated Device Techn...
F1951 IDT-F1951 Datasheet
1Mb / 20P
6-bit 0.5 dB Digital Step Attenuator
logo
Analog Devices
HMC8073 AD-HMC8073 Datasheet
284Kb / 13P
0.6 GHz to 3.0 GHz, 0.5 dB LSB, 6-Bit, Silicon Digital Step Attenuator
4/2020-Rev. A to Rev. B
logo
Qorvo, Inc
TQP4M9071 QORVO-TQP4M9071 Datasheet
388Kb / 11P
High Linearity 6-Bit, 31.5 dB Digital Step Attenuator
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com