Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC412MS8G Datasheet (PDF) - Hittite Microwave Corporation

Part # HMC412MS8G
Description  DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
File Size   208.39 Kbytes
Html View  1   2   3   4   5   6 
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC412MS8G Datasheet (PDF) - Hittite Microwave Corporation



Similar Part No. - HMC412MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC412MS8G HITTITE-HMC412MS8G_10 Datasheet
498Kb / 6P
DOUBLE-BALANCED MIXER, 9 - 15 GHz
More results


Similar Description - HMC412MS8G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G Datasheet
214Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz
HMC411MS8G HITTITE-HMC411MS8G Datasheet
210Kb / 6P
GaAs MMIC SINGLE-BALANCED MIXER, 10.0 - 15.0 GHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Micronetics, Inc.
B90A MICRONETICS-B90A Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90H MICRONETICS-B90H Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90K MICRONETICS-B90K Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
B90V MICRONETICS-B90V Datasheet
334Kb / 2P
Double Balanced Mixers 9.0 to 16.0 GHz
C50A MICRONETICS-C50A Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50H MICRONETICS-C50H Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
C50K MICRONETICS-C50K Datasheet
270Kb / 1P
Double Balanced Mixers 5.0 to 9.0 GHz
More results

Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com